Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU3AM Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RU3AM
Description  FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RU3AM Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RU3AM Datasheet HTML 1Page - EIC discrete Semiconductors RU3AM Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RU3AM - RU3M
FAST RECOVERY
RECTIFIER DIODES
PRV : 400 - 600 Volts
Io : 1.5 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : D2A Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.645 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RU3M
RU3AM
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
400
600
V
Maximum RMS Voltage
VRMS
280
420
V
Maximum DC Blocking Voltage
VDC
400
600
V
Maximum Average Forward Current Ta = 50
°C
IF(AV)
1.5
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle , Sine wave, Single Shot )
Maximum Forward Voltage at IF = 1.5 A
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
350
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
0.4
µs
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Note :
( 1 ) Reverse Recovery Test Conditions : IF = 10 mA, IRP = 10 mA.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
A
30
IFSM
D2A
0.040 (1.02)
0.0385 (0.98)
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - RU3AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU3AM SANKEN-RU3AM Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RU3AM EIC-RU3AM Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RU3AM SANKEN-RU3AM Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Rugao Dachang Electroni...
RU3AM DACHANG-RU3AM Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 400 to 1000V Forward Current 1.5A
logo
Shenzhen Taychipst Elec...
RU3AM TAYCHIPST-RU3AM Datasheet
847Kb / 1P
Fast-Recovery Rectifier Diodes
More results

Similar Description - RU3AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com