Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT47 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAT47
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT47 Datasheet(HTML) 5 Page - STMicroelectronics

  BAT47 Datasheet HTML 1Page - STMicroelectronics BAT47 Datasheet HTML 2Page - STMicroelectronics BAT47 Datasheet HTML 3Page - STMicroelectronics BAT47 Datasheet HTML 4Page - STMicroelectronics BAT47 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5/5
BAT47 / BAT48
PACKAGE MECHANICAL DATA
DO-35
CA
B
O
/
O
/ D
O
/ D
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.05
4.50
0.120
0.177
B
1.53
2.00
0.060
0.079
C
28.00
1.102
D
0.458
0.558
0.018
0.022
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Cooling method: by convection and conduction.
Marking: clear, ring at cathode end.
Weight: 0.015g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com