Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B6IB6I690 Datasheet(PDF) 2 Page - eupec GmbH

Part # B6IB6I690
Description  3 x 277A AC at 690V AC, aircooled
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

B6IB6I690 Datasheet(HTML) 2 Page - eupec GmbH

  B6IB6I690 Datasheet HTML 1Page - eupec GmbH B6IB6I690 Datasheet HTML 2Page - eupec GmbH B6IB6I690 Datasheet HTML 3Page - eupec GmbH B6IB6I690 Datasheet HTML 4Page - eupec GmbH B6IB6I690 Datasheet HTML 5Page - eupec GmbH B6IB6I690 Datasheet HTML 6Page - eupec GmbH B6IB6I690 Datasheet HTML 7Page - eupec GmbH B6IB6I690 Datasheet HTML 8Page - eupec GmbH B6IB6I690 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ModSTACK
Datasheet: B6I+B6I 690/1100-300G M, S
Preliminary Data
B6I+B6I690-1100-300G.doc
2 of 10
2004-10-28
Voltage Unit1
VUnit1
690
VRMS
Continious Current
Unit1
ϑ=ϑair_inlet
IUnit1
170
ARMS
Shorttime Current
Unit1
10s, every 180s, initial
load =
IUnit1
IUnit1_10
210
ARMS
Pulse Current Unit1
Sinehalfwave 20ms
-
Apeak
DC Current at Unit1
No rotating field,
ϑ=ϑair_inlet,
IUnit1_DC
0,4*
IUnit1
Aav
Overcurrent Shutdown
Unit1
Percentage of
IUnit1.
Within 15µs
150
%
Switching Freq. Unit1
fsw1
2250
Hz
Power Losses Unit1
V=Vunit1_min,
I=IUnit1, fsw=fsw1
Ploss1
2319
W
Voltage Unit2
Depending on
Controller
VUnit2
690
VRMS
Continious Current
Unit2
ϑ=ϑair_inlet,
ϑchip <= 125°C
fUnit2>5Hz
IUnit2
277
ARMS
Shorttime Current
Unit2
ϑair_inlet<=40°C,
10s, every 180s,
initial load =
IUnit2
IUnit2_10
327
ARMS
Pulse Current Unit2
Sinehalfwave 20ms,
starting from
IUnit2.
Only [TSS] Version
IUnit2peak
1250
Apeak
DC Current at Unit2
No rotating field,
ϑ=ϑair_inlet,
IUnit2_DC
0,4*
IUnit2
ADC
Percentage of
IUnit2.
Within 15µs
Basic Version
150
%
Overcurrent Shutdown
Unit2
Only [TSS] Version
320
%
Switching Freq. Unit2
fsw2
2250
Hz
Power Losses Unit2
I=
IUnit2, fsw=fsw2
Ploss2
3544
W
Power Losses (PCB
and Capacitor)
Ploss_aux
400
W
RFilter
22
Ohm
Filterresistors at
Output Unit2
Applicable for
Sinewavefilters
(damping)
only in Produkt ID
24255 and 24256
PRFilter
100
Watt
Auxiliary Voltage
Vaux
18
24
30
Vav
Auxiliary Power
Demand
Vaux=24 Vav, to feed
with B6U
Paux
80
W
Power
VBurst
2
kV
Control VBurst
1
EMC Test
According
EN61800-3
at named
interfaces
Aux
(24V)
VSurge
1
kV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com