Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUIPS2052G Datasheet(PDF) 3 Page - International Rectifier

Part # AUIPS2052G
Description  INTELLIGENT POWER LOW SIDE SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS2052G Datasheet(HTML) 3 Page - International Rectifier

  AUIPS2052G Datasheet HTML 1Page - International Rectifier AUIPS2052G Datasheet HTML 2Page - International Rectifier AUIPS2052G Datasheet HTML 3Page - International Rectifier AUIPS2052G Datasheet HTML 4Page - International Rectifier AUIPS2052G Datasheet HTML 5Page - International Rectifier AUIPS2052G Datasheet HTML 6Page - International Rectifier AUIPS2052G Datasheet HTML 7Page - International Rectifier AUIPS2052G Datasheet HTML 8Page - International Rectifier AUIPS2052G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AUIPS2051L/AUIPS2052G
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters
are referenced to Ground lead. (Tambient=25°C unless otherwise specified).
Symbol
Parameter
Min.
Max.
Units
Vds
Maximum drain to source voltage
-0.3
60
V
Vds cont.
Maximum continuous drain to source voltage
-
35
V
Vin
Maximum input voltage
-0.3
6
V
Isd cont.
Max diode continuous current (limited by thermal dissipation) Rth=125°C/W
⎯
1
A
Maximum power dissipation (internally limited by thermal protection)
Rth=60C°/W AUIPS2051L 1” sqr. footprint
⎯
2
W
Pd
Rth=100°C/W AUIPS2052G std. footprint
⎯
1.25
Electrostatic discharge voltage (Human body) C=100pF, R=1500
Ω
Between drain and source
⎯
4
Other combinations
⎯
3
Electrostatic discharge voltage (Machine Model) C=200pF,R=0
Ω
Between drain and source
⎯
0.5
ESD
Other combinations
⎯
0.3
kV
Tj max.
Max. storage & operating temperature junction temperature
-40
150
°C
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth1
Thermal resistance junction to ambient SOT-223 std. footprint
100
⎯
Rth2
Thermal resistance junction to ambient SOT-223 1” sqr. footprint
60
⎯
Thermal resistance junction to ambient SO-8 std. Footprint
Rth1
1 die active
100
⎯
Thermal resistance junction to ambient SO-8 std. footprint
Rth1
2 die active
130
⎯
°C/W
note : Tj=Power dissipated in one channel x Rth
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol
Parameter
Min.
Max.
Units
VIH
High level input voltage
4
5.5
VIL
Low level input voltage
0
0.5
Ids
Continuous drain current, Tambient=85°C, Tj=125°C, Vin=5V,Rth=100°C/W
⎯
0.9
A
Rin
Recommended resistor in series with IN pin to generate a diagnostic
0.5
5
kΩ
Max. t rise
Max. input rising time
⎯
1
µs
www.irf.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com