Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA10393F Datasheet(PDF) 2 Page - Rohm

Part # BA10393F
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10393F Datasheet(HTML) 2 Page - Rohm

  BA10393F Datasheet HTML 1Page - Rohm BA10393F Datasheet HTML 2Page - Rohm BA10393F Datasheet HTML 3Page - Rohm BA10393F Datasheet HTML 4Page - Rohm BA10393F Datasheet HTML 5Page - Rohm BA10393F Datasheet HTML 6Page - Rohm BA10393F Datasheet HTML 7Page - Rohm BA10393F Datasheet HTML 8Page - Rohm BA10393F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
2/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Absolute Maximum Ratings (Ta=25[℃])
Parameter
Symbol
Rating
Unit
BA10393
family
BA10339
family
BA2903S family
BA2901S family
BA2903 family
BA2901 family
BA2903H
family
Supply Voltage
VCC-VEE
+36
V
Differential Input Voltage
(*1)
Vid
VCC-VEE
36
V
Input Common-mode Voltage Range
Vicm
VEE~VCC
(VEE-0.3)~VEE+36
V
Operating Temperature Range
Topr
-40~+85
-40~+105
-40~+125
℃
Storage Temperature Range
Tstg
-55~+125
-55~+150
℃
Maximum junction Temperature
Tjmax
+125
+150
℃
Note Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature environment may cause
deterioration of characteristics.
(*1)
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electric Characteristics
○BA10393 family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
Vio
25℃
-
±1
±5
mV VOUT=1.4[V]
Input Offset Current
Iio
25℃
-
±5
±50
nA
VOUT=1.4[V]
Input Bias Current
(*2)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
93
106
-
dB
RL=15[k
Ω],VCC=15[V]
Supply Current
ICC
25℃
-
0.4
1
mA RL=
∞All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA VIN-=1[V],VIN+=0[V],VOUT=1.5[V]
Output Saturation Voltage
VOL
25℃
-
250
400
mV VIN-=1[V],VIN+=0[V],IOL=4[mA]
Output Leakage Current 1
Ileak1
25℃
-
0.1
-
μA VIN-=0[V],VIN+=1[V],VOUT=5[V]
Output Leakage Current 2
Ileak2
25℃
-
0.1
1
μA VIN-=0[V],VIN+=1[V],VOUT=36[V]
Response Time
Tre
25℃
-
1.3
-
μs RL=5.1[kΩ],VRL=5[V]
(*2)Current Direction : Since first input stage is composed with PNP transistor, input bias current flows out of IC.
○BA10339 family (Unless otherwise specified VCC=+5[V], VEE=0[V], Ta=25[℃])
Parameter
Symbol
Temperature
range
Guaranteed limit
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
Vio
25℃
-
±1
±5
mV VOUT=1.4[V]
Input Offset Current
Iio
25℃
-
±5
±50
nA
VOUT=1.4[V]
Input Bias Current
(*2)
Ib
25℃
-
50
250
nA
VOUT=1.4[V]
Input Common-mode
Voltage Range
Vicm
25℃
0
-
VCC-1.5
V
-
Large Signal Voltage Gain
AV
25℃
-
106
-
dB
RL=15[k
Ω],VCC=15[V]
Supply Current
ICC
25℃
-
0.8
2
mA RL=
∞All Comparators
Output Sink Current
IOL
25℃
6
16
-
mA VIN-=1[V],VIN+=0[V],VOUT=1.5[V]
Output Saturation Voltage
VOL
25℃
-
250
400
mV VIN-=1[V],VIN+=0[V],IOL=4[mA]
Output Leakage Current 1
Ileak1
25℃
-
0.1
-
μA VIN-=0[V],VIN+=1[V],VOUT=5[V]
Output Leakage Current 2
Ileak2
25℃
-
-
-
μA VIN-=0[V],VIN+=1[V],VOUT=36[V]
Response Time
Tre
25℃
-
1.3
-
μs RL=5.1[kΩ],VRL=5[V]
(*2)Current Direction : Since first input stage is composed with PNP transistor, input bias current flows out of IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com