Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2903FVM Datasheet(PDF) 14 Page - Rohm

Part # BA2903FVM
Description  Comparators : Ground Sense
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903FVM Datasheet(HTML) 14 Page - Rohm

Back Button BA2903FVM Datasheet HTML 10Page - Rohm BA2903FVM Datasheet HTML 11Page - Rohm BA2903FVM Datasheet HTML 12Page - Rohm BA2903FVM Datasheet HTML 13Page - Rohm BA2903FVM Datasheet HTML 14Page - Rohm BA2903FVM Datasheet HTML 15Page - Rohm BA2903FVM Datasheet HTML 16Page - Rohm BA2903FVM Datasheet HTML 17Page - Rohm BA2903FVM Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Technical Note
BA10393F,BA10339F/FV,BA2903SF/FV/FVM,BA2903F/FV/FVM,
BA2903HFVM-C,BA2901SF/FV/KN,BA2901F/FV/KN
14/19
www.rohm.com
2010.05 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Measurement Circuit 2: Switch Condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
Supply Current
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Output Sink Current
VOL=1.5[V]
OFF
ON
ON
OFF
OFF
OFF
ON
Saturation Voltage
IOL=4[mA]
OFF
ON
ON
OFF
ON
ON
OFF
Output Leakage Current
VOH=36[V]
OFF
ON
ON
OFF
OFF
OFF
ON
Response Time
RL=5.1[k
Ω],VRL=5[V]
ON
OFF
ON
ON
OFF
OFF
OFF
Fig.89
Measurement Circuit 2 (one channel only)
Fig.90
Response Time
SW1
SW2
SW3
-
+
SW5
SW6
SW7
A
V
A
VIN-
VIN+
VRL
RL
VOL/VOH
VCC
VEE
SW4
0V
+100mV
VIN
Tre (LOW to HIGH)
VCC/2
出力電圧波形
VOUT
0V
VCC
入力電圧波形
overdrive voltage
overdrive voltage
0V
-100mV
VIN
出力電圧波形
Tre (HIGH to LOW)
VCC/2
VOUT
0V
VCC
入力電圧波形
Input wave
Input wave
Output wave
Output wave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com