Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2V Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD4235G2V
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD4235G2V_09 Datasheet HTML 57Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 58Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 59Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 60Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 61Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 62Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 63Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 64Page - STMicroelectronics PSD4235G2V_09 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
PSD4235G2V
Complex PLD (CPLD)
61/124
Input macrocells (IMC) are particularly useful with handshaking communication applications
where two processors pass data back and forth through a common mailbox. Figure 17
shows a typical configuration where the Master MCU writes to the Port A Data Out register.
This, in turn, can be read by the Slave MCU via the activation of the “Slave-Read” output
enable product term.
The Slave can also write to the Port A input macrocells (IMC) and the Master can then read
the input macrocells (IMC) directly.
Note that the “Slave-Read” and “Slave-Wr” signals are product terms that are derived from
the Slave MCU inputs Read Strobe (RD, CNTL1), Write Strobe (WR/WRL, CNTL0), and
Slave_CS.
Figure 15.
Input macrocell
OUTPUT
MACROCELLS A
AND
MACROCELLS B
PT
PT
FEEDBACK
PORT
DRIVER
I/O PIN
INTERNAL DATA BUS
DIRECTION
REGISTER
MUX
MUX
ALE/AS
PT
Q
Q
D
D
G
LATCH
INPUT MACROCELL
ENABLE (.OE)
D FF
INPUT MACROCELL _ RD
AI04926



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com