Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD4235G2-12UT Datasheet(PDF) 83 Page - STMicroelectronics

Part # PSD4235G2-12UT
Description  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT Datasheet(HTML) 83 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 79Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 80Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 81Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 82Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 83Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 84Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 85Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 86Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
PSD4235G2V
I/O ports
83/124
19.14
Port Data registers
The Port Data registers, shown in Table 46, are used by the MCU to write data to or read
data from the ports. Table 46 shows the register name, the ports having each register type,
and MCU access for each register type. The registers are described next.
19.15
Data In
Port pins are connected directly to the Data In buffer. In MCU I/O input mode, the pin input is
read through the Data In buffer.
19.16
Data Out register
Stores output data written by the MCU in the MCU I/O output mode. The contents of the
register are driven out to the pins if the Direction register or the output enable product term
is set to '1.' The contents of the register can also be read back by the MCU.
19.17
Output macrocells (OMC)
The CPLD output macrocells (OMC) occupy a location in the MCU’s address space. The
MCU can read the output of the output macrocells (OMC). If the Mask macrocell register bits
are not set, writing to the macrocell loads data to the macrocell flip-flops (see Figure 13:
Macrocell and I/O port).
19.18
Mask macrocell register
Each Mask macrocell register bit corresponds to an output macrocell (OMC) flip-flop. When
the Mask macrocell register bit is set to a '1,' loading data into the output macrocell (OMC)
flip-flop is blocked. The default value is 0, or unblocked.
19.19
Input macrocells (IMC)
The input macrocells (IMC) can be used to latch or store external inputs. The outputs of the
input macrocells (IMC) are routed to the PLD input bus, and can be read by the MCU (see
Section 17.6: Input macrocells (IMC)).
Table 46.
Port Data registers
Register Name
Port
MCU Access
Data In
A, B, C, D, E, F,
G
READ - input on pin
Data Out
A, B, C, D, E, F,
G
WRITE/READ
Output macrocell
A, B
READ - outputs of macrocells
WRITE - loading macrocells Flip-flop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com