Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

300 Datasheet(PDF) 21 Page - Intel Corporation

Part # 300
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

300 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 300 Datasheet HTML 17Page - Intel Corporation 300 Datasheet HTML 18Page - Intel Corporation 300 Datasheet HTML 19Page - Intel Corporation 300 Datasheet HTML 20Page - Intel Corporation 300 Datasheet HTML 21Page - Intel Corporation 300 Datasheet HTML 22Page - Intel Corporation 300 Datasheet HTML 23Page - Intel Corporation 300 Datasheet HTML 24Page - Intel Corporation 300 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
Datasheet
21
Electrical Specifications
NOTES:
1.
The loadline specification includes both static and transient limits except for overshoot
allowed as shown in Section 2.5.3.
2.
This loadline specification shows the deviation from the VID set point.
3.
The loadlines specify voltage limits at the die measured at the VCC_SENSE and
VSS_SENSE lands. Voltage regulation feedback for voltage regulator circuits must be taken
from processor VCC and VSS lands. Refer to the Voltage Regulator-Down (VRD) 10.1
Design Guide For Desktop and Transportable LGA775 Socket for socket loadline guidelines
and VR implementation details.
2.5.3
VCC Overshoot
The Celeron D processor can tolerate short transient overshoot events where VCC
exceeds the VID voltage when transitioning from a high to low current load condition.
This overshoot cannot exceed VID + VOS_MAX (VOS_MAX is the maximum allowable
overshoot voltage). The time duration of the overshoot event must not exceed TOS_MAX
(TOS_MAX is the maximum allowable time duration above VID). These specifications
apply to the processor die voltage as measured across the VCC_SENSE and
VSS_SENSE lands.
Figure 1.
VCC Static and Transient Tolerance for 775_VR_CONFIG_05A and
775_VR_CONFIG_06 Processors
VID - 0.000
VID - 0.019
VID - 0.038
VID - 0.057
VID - 0.076
VID - 0.095
VID - 0.114
VID - 0.133
VID - 0.152
VID - 0.171
VID - 0.190
VID - 0.209
VID - 0.228
0
1020
30
40
506070
80
90
100
Icc [A]
Vcc Maximum
Vcc Typical
Vcc Minimum
Table 6.
Vcc Overshoot Specifications
Symbol
Parameter
Min
Max
Unit
Figure
Notes
VOS_MAX Magnitude of VCC overshoot above VID
—
0.050
V
2
1
NOTES:
1.
Adherence to these specifications for the Celeron D processor is required to ensure reliable
processor operation.
TOS_MAX Time duration of VCC overshoot above VID
—
25
μs
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com