Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

356 Datasheet(PDF) 85 Page - Intel Corporation

Part # 356
Description  Celeron D Processor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

356 Datasheet(HTML) 85 Page - Intel Corporation

Back Button 356 Datasheet HTML 81Page - Intel Corporation 356 Datasheet HTML 82Page - Intel Corporation 356 Datasheet HTML 83Page - Intel Corporation 356 Datasheet HTML 84Page - Intel Corporation 356 Datasheet HTML 85Page - Intel Corporation 356 Datasheet HTML 86Page - Intel Corporation 356 Datasheet HTML 87Page - Intel Corporation 356 Datasheet HTML 88Page - Intel Corporation 356 Datasheet HTML 89Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
Datasheet
85
Features
6
Features
6.1
Power-On Configuration Options
Several configuration options can be configured by hardware. The Celeron D processor
samples the hardware configuration at reset, on the active-to-inactive transition of
RESET#. For specifications on these options, refer to Table 34.
The sampled information configures the processor for subsequent operation. These
configuration options cannot be changed except by another reset. All resets reconfigure
the processor; for reset purposes, the processor does not distinguish between a
"warm" reset and a "power-on" reset.
6.2
Clock Control and Low Power States
The processor allows the use of AutoHALT and Stop-Grant states to reduce power
consumption by stopping the clock to internal sections of the processor, depending on
each particular state. See Figure 15 for a visual representation of the processor low
power states.
Table 34.
Power-On Configuration Option Signals
Configuration Option
Signal1,2
NOTES:
1. Asserting this signal during RESET# will select the corresponding option.
2. Address signals not identified in this table as configuration options should not be asserted during
RESET#.
Output tristate
SMI#
Execute BIST
INIT#
In Order Queue pipelining (set IOQ depth to 1)
A7#
Disable MCERR# observation
A9#
Disable BINIT# observation
A10#
APIC Cluster ID (0-3)
A[12:11]#
Disable bus parking
A15#
Symmetric agent arbitration ID
BR0#
RESERVED
A[6:3]#, A8#, A[14:13]#, A[16:35]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com