Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

330 Datasheet(PDF) 49 Page - Intel Corporation

Part # 330
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

330 Datasheet(HTML) 49 Page - Intel Corporation

Back Button 330 Datasheet HTML 45Page - Intel Corporation 330 Datasheet HTML 46Page - Intel Corporation 330 Datasheet HTML 47Page - Intel Corporation 330 Datasheet HTML 48Page - Intel Corporation 330 Datasheet HTML 49Page - Intel Corporation 330 Datasheet HTML 50Page - Intel Corporation 330 Datasheet HTML 51Page - Intel Corporation 330 Datasheet HTML 52Page - Intel Corporation 330 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Pin Listing and Signal Descriptions
Datasheet
49
D7
VCC
Power/Other
D8
VSS
Power/Other
D9
VCC
Power/Other
D10
VSS
Power/Other
D11
VCC
Power/Other
D12
VSS
Power/Other
D13
VCC
Power/Other
D14
VSS
Power/Other
D15
VCC
Power/Other
D16
VSS
Power/Other
D17
VCC
Power/Other
D18
VSS
Power/Other
D19
VCC
Power/Other
D20
VSS
Power/Other
D21
VSS
Power/Other
D22
D5#
Source Synch
Input/Output
D23
D13#
Source Synch
Input/Output
D24
VSS
Power/Other
D25
D15#
Source Synch
Input/Output
D26
D23#
Source Synch
Input/Output
E1
VSS
Power/Other
E2
DEFER#
Common Clock
Input
E3
HITM#
Common Clock
Input/Output
E4
VSS
Power/Other
E5
LINT1
Asynch GTL+
Input
E6
TRST#
TAP
Input
E7
VSS
Power/Other
E8
VCC
Power/Other
E9
VSS
Power/Other
E10
VCC
Power/Other
E11
VSS
Power/Other
E12
VCC
Power/Other
E13
VSS
Power/Other
E14
VCC
Power/Other
E15
VSS
Power/Other
E16
VCC
Power/Other
E17
VSS
Power/Other
E18
VCC
Power/Other
E19
VSS
Power/Other
E20
VCC
Power/Other
E21
DBI0#
Source Synch
Input/Output
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction
E22
DSTBN0#
Source Synch
Input/Output
E23
VSS
Power/Other
E24
D17#
Source Synch
Input/Output
E25
D21#
Source Synch
Input/Output
E26
VSS
Power/Other
F1
RS0#
Common Clock
Input
F2
VSS
Power/Other
F3
HIT#
Common Clock
Input/Output
F4
RS2#
Common Clock
Input
F5
VSS
Power/Other
F6
GTLREF
Power/Other
Input
F7
TMS
TAP
Input
F8
VSS
Power/Other
F9
VCC
Power/Other
F10
VSS
Power/Other
F11
VCC
Power/Other
F12
VSS
Power/Other
F13
VCC
Power/Other
F14
VSS
Power/Other
F15
VCC
Power/Other
F16
VSS
Power/Other
F17
VCC
Power/Other
F18
VSS
Power/Other
F19
VCC
Power/Other
F20
GTLREF
Power/Other
Input
F21
DSTBP0#
Source Synch
Input/Output
F22
VSS
Power/Other
F23
D19#
Source Synch
Input/Output
F24
D20#
Source Synch
Input/Output
F25
VSS
Power/Other
F26
D22#
Source Synch
Input/Output
G1
ADS#
Common Clock
Input/Output
G2
BNR#
Common Clock
Input/Output
G3
VSS
Power/Other
G4
LOCK#
Common Clock
Input/Output
G5
RS1#
Common Clock
Input
G6
VSS
Power/Other
G21
VSS
Power/Other
G22
D10#
Source Synch
Input/Output
G23
D18#
Source Synch
Input/Output
G24
VSS
Power/Other
Table 4-2. Numerical Pin Assignment
Pin #
Pin Name
Signal Buffer
Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com