Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360J Datasheet(PDF) 41 Page - Intel Corporation

Part # 360J
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

360J Datasheet(HTML) 41 Page - Intel Corporation

Back Button 360J Datasheet HTML 37Page - Intel Corporation 360J Datasheet HTML 38Page - Intel Corporation 360J Datasheet HTML 39Page - Intel Corporation 360J Datasheet HTML 40Page - Intel Corporation 360J Datasheet HTML 41Page - Intel Corporation 360J Datasheet HTML 42Page - Intel Corporation 360J Datasheet HTML 43Page - Intel Corporation 360J Datasheet HTML 44Page - Intel Corporation 360J Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
Datasheet
41
Package Mechanical Specifications and Pin Information
D[41]#
U26
Source Synch
Input/
Output
D[42]#
V24
Source Synch
Input/
Output
D[43]#
U25
Source Synch
Input/
Output
D[44]#
V26
Source Synch
Input/
Output
D[45]#
Y23
Source Synch
Input/
Output
D[46]#
AA26
Source Synch
Input/
Output
D[47]#
Y25
Source Synch
Input/
Output
D[48]#
AB25
Source Synch
Input/
Output
D[49]#
AC23
Source Synch
Input/
Output
D[50]#
AB24
Source Synch
Input/
Output
D[51]#
AC20
Source Synch
Input/
Output
D[52]#
AC22
Source Synch
Input/
Output
D[53]#
AC25
Source Synch
Input/
Output
D[54]#
AD23
Source Synch
Input/
Output
D[55]#
AE22
Source Synch
Input/
Output
D[56]#
AF23
Source Synch
Input/
Output
D[57]#
AD24
Source Synch
Input/
Output
D[58]#
AF20
Source Synch
Input/
Output
D[59]#
AE21
Source Synch
Input/
Output
D[60]#
AD21
Source Synch
Input/
Output
D[61]#
AF25
Source Synch
Input/
Output
D[62]#
AF22
Source Synch
Input/
Output
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction
D[63]#
AF26
Source Synch
Input/
Output
DBR#
A7
CMOS
Output
DBSY#
M2
Common
Clock
Input/
Output
DEFER#
L4
Common
Clock
Input
DINV[0]#
D25
Source Synch
Input/
Output
DINV[1]#
J26
Source Synch
Input/
Output
DINV[2]#
T24
Source Synch
Input/
Output
DINV[3]#
AD20
Source Synch
Input/
Output
DPSLP#
B7
CMOS
Input
DPWR#
C19
Common
Clock
Input
DRDY#
H2
Common
Clock
Input/
Output
DSTBN[0]#
C23
Source Synch
Input/
Output
DSTBN[1]#
K24
Source Synch
Input/
Output
DSTBN[2]#
W25
Source Synch
Input/
Output
DSTBN[3]#
AE24
Source Synch
Input/
Output
DSTBP[0]#
C22
Source Synch
Input/
Output
DSTBP[1]#
L24
Source Synch
Input/
Output
DSTBP[2]#
W24
Source Synch
Input/
Output
DSTBP[3]#
AE25
Source Synch
Input/
Output
FERR#
D3
Open Drain
Output
GTLREF
AD26
Power/Other
Input
HIT#
K3
Common
Clock
Input/
Output
HITM#
K4
Common
Clock
Input/
Output
IERR#
A4
Open Drain
Output
Table 14.
Pin Listing by Pin Name
Pin Name
Pin #
Signal
Buffer Type
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com