Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

320 Datasheet(PDF) 23 Page - Intel Corporation

Part # 320
Description  Celeron D Processor
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

320 Datasheet(HTML) 23 Page - Intel Corporation

Back Button 320 Datasheet HTML 19Page - Intel Corporation 320 Datasheet HTML 20Page - Intel Corporation 320 Datasheet HTML 21Page - Intel Corporation 320 Datasheet HTML 22Page - Intel Corporation 320 Datasheet HTML 23Page - Intel Corporation 320 Datasheet HTML 24Page - Intel Corporation 320 Datasheet HTML 25Page - Intel Corporation 320 Datasheet HTML 26Page - Intel Corporation 320 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Datasheet
23
Electrical Specifications
2.11
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core silicon and
not at the package pins unless noted otherwise. See Chapter 4 for the pin signal definitions and
signal pin assignments. Most of the signals on the processor FSB are in the GTL+ signal group. The
DC specifications for these signals are listed in Table 2-10.
Previously, legacy signals and Test Access Port (TAP) signals to the processor used low-voltage
CMOS buffer types. However, these interfaces now follow DC specifications similar to GTL+. The
DC specifications for these signal groups are listed in Table 2-11 and Table 2-12.
Table 2-8 through Table 2-15 list the DC specifications for the Celeron D processor and are valid
only while meeting specifications for case temperature, clock frequency, and input voltages. Care
should be taken to read all notes associated with each parameter.
Table 2-8. Voltage and Current Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VID range
VID
1.250
—
1.400
V
1
NOTES:
1.
Individual processor VID values may be calibrated during manufacturing such that two devices at the same
speed may have different VID settings.
VCC
VCC
See Table 2-9 and
Figure 2-2
VID – ICC(max)
* 1.45 m
Ω
V
2,3,4
2.
These voltages are targets only. A variable voltage source should exist on systems in the event that a differ-
ent voltage is required. See Section 2.4 and Table 2-2 for more information.
ICC
Processor
Number
Core Frequency
350
345
340
335
330
325
320
ICC for processor with
multiple VID:
3.20 GHz
3.06 GHz
2.93 GHz
2.80 GHz
2.66 GHz
2.53 GHz
2.40 GHz
——
73
73
73
73
73
73
73
A
5
ISGNT
ISLP
350
345
340
335
330
325
320
ICC Stop-Grant
3.20 GHz
3.06 GHz
2.93 GHz
2.80 GHz
2.66 GHz
2.53 GHz
2.40 GHz
——
40
40
40
40
40
40
40
A
6,7
ITCC
ICC TCC active
—
—
ICC
A
8
ICC_VCCA
ICC for PLL pins
—
—
60
mA
9
ICC_VCCIOPLL ICC for I/O PLL pin
—
—
60
mA
9
ICC_GTLREF
ICC for GTLREF pins (all pins)
—
—
200
µA
ICC_VCCVID/
VCCVIDLB
ICC for VCCVID/VCCVIDLB
—
—
150
mA
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com