Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

550 Datasheet(PDF) 21 Page - Intel Corporation

Part # 550
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

550 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 550 Datasheet HTML 17Page - Intel Corporation 550 Datasheet HTML 18Page - Intel Corporation 550 Datasheet HTML 19Page - Intel Corporation 550 Datasheet HTML 20Page - Intel Corporation 550 Datasheet HTML 21Page - Intel Corporation 550 Datasheet HTML 22Page - Intel Corporation 550 Datasheet HTML 23Page - Intel Corporation 550 Datasheet HTML 24Page - Intel Corporation 550 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 96 page
background image
Datasheet
21
Electrical Specifications
2.6
FSB Signal Groups
The FSB signals have been combined into groups by buffer type. GTL+ input signals have
differential input buffers, which use GTLREF as a reference level. In this document, the term
"GTL+ Input" refers to the GTL+ input group as well as the GTL+ I/O group when receiving.
Similarly, "GTL+ Output" refers to the GTL+ output group as well as the GTL+ I/O group when
driving.
With the implementation of a source synchronous data bus comes the need to specify two sets of
timing parameters. One set is for common clock signals which are dependent upon the rising edge
of BCLK0 (ADS#, HIT#, HITM#, etc.) and the second set is for the source synchronous signals
which are relative to their respective strobe lines (data and address) as well as the rising edge of
BCLK0. Asychronous signals are still present (A20M#, IGNNE#, etc.) and can become active at
any time during the clock cycle. Table 2-3 identifies which signals are common clock, source
synchronous, and asynchronous.
Table 2-3. FSB Signal Groups
Signal Group
Type
Signals1
GTL+ Common Clock Input
Synchronous to
BCLK[1:0]
BPRI#, DEFER#, RS[2:0]#, RSP#, TRDY#
GTL+ Common Clock I/O
Synchronous to
BCLK[1:0]
AP[1:0]#, ADS#, BINIT#, BNR#, BPM[5:0]#, BR0#, DBSY#,
DP[3:0]#, DRDY#, HIT#, HITM#, LOCK#, MCERR#
GTL+ Source Synchronous I/O
Synchronous to assoc.
strobe
GTL+ Strobes
Synchronous to
BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
GTL+ Asynchronous Input
A20M#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI, SMI#,
STPCLK#, RESET#
GTL+ Asynchronous Output
FERR#/PBE#, IERR#, THERMTRIP#
GTL+ Asynchronous Input/Output
PROCHOT#
TAP Input
Synchronous to TCK
TCK, TDI, TMS, TRST#
TAP Output
Synchronous to TCK
TDO
FSB Clock
Clock
BCLK[1:0], ITP_CLK[1:0]2
Power/Other
VCC, VTT, VCCA, VCCIOPLL, VID[5:0], VSS, VSSA, GTLREF,
COMP[1:0], RESERVED, TESTHI[13:0], THERMDA,
THERMDC, VCC_SENSE, VSS_SENSE, BSEL[2:0],
SKTOCC#, DBR#2, VTTPWRGD, BOOTSELECT, PWRGOOD,
VTT_OUT_LEFT, VTT_OUT_RIGHT, VTT_SEL, LL_ID[1:0],
FCx, VSS_MB_REGULATION, VCC_MB_REGULATION,
MSID[1:0]
Signals
Associated Strobe
REQ[4:0]#, A[16:3]#3
ADSTB0#
A[35:17]#3
ADSTB1#
D[15:0]#, DBI0#
DSTBP0#, DSTBN0#
D[31:16]#, DBI1#
DSTBP1#, DSTBN1#
D[47:32]#, DBI2#
DSTBP2#, DSTBN2#
D[63:48]#, DBI3#
DSTBP3#, DSTBN3#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com