Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

551 Datasheet(PDF) 39 Page - Intel Corporation

Part # 551
Description  Pentium 4 Processors Supporting Hyper-Threading Technology
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

551 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 551 Datasheet HTML 35Page - Intel Corporation 551 Datasheet HTML 36Page - Intel Corporation 551 Datasheet HTML 37Page - Intel Corporation 551 Datasheet HTML 38Page - Intel Corporation 551 Datasheet HTML 39Page - Intel Corporation 551 Datasheet HTML 40Page - Intel Corporation 551 Datasheet HTML 41Page - Intel Corporation 551 Datasheet HTML 42Page - Intel Corporation 551 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 96 page
background image
Datasheet
39
Package Mechanical Specifications
3.2
Processor Component Keep-Out Zones
The processor may contain components on the substrate that define component keep-out zone
requirements. A thermal and mechanical solution design must not intrude into the required keep-
out zones. Decoupling capacitors are typically mounted to either the topside or land-side of the
package substrate. See Figure 3-2 and Figure 3-3 for keep-out zones.
The location and quantity of package capacitors may change due to manufacturing efficiencies but
will remain within the component keep-in.
3.3
Package Loading Specifications
Table 3-1 provides dynamic and static load specifications for the processor package. These
mechanical maximum load limits should not be exceeded during heatsink assembly, shipping
conditions, or standard use condition. Also, any mechanical system or component testing should
not exceed the maximum limits. The processor package substrate should not be used as a
mechanical reference or load-bearing surface for thermal and mechanical solution. The minimum
loading specification must be maintained by any thermal and mechanical solutions.
.
3.4
Package Handling Guidelines
Table 3-2 includes a list of guidelines on package handling in terms of recommended maximum
loading on the processor IHS relative to a fixed substrate. These package handling loads may be
experienced during heatsink removal.
Table 3-1. Processor Loading Specifications
Parameter
Minimum
Maximum
Notes
Static
80 N [18 lbf]
311 N [70 lbf]
1, 2, 3
NOTES:
1.
These specifications apply to uniform compressive loading in a direction normal to the processor IHS.
2.
This is the maximum force that can be applied by a heatsink retention clip. The clip must also provide the minimum specified
load on the processor package.
3.
These specifications are based on limited testing for design characterization. Loading limits are for the package only and
does not include the limits of the processor socket.
Dynamic
—
756 N [170 lbf]
1, 3, 4
4.
Dynamic loading is defined as the sum of the load on the package from a 1 lb heatsink mass accelerating through a 11 ms
trapezoidal pulse of 50 g and the maximum static load.
Table 3-2. Package Handling Guidelines
Parameter
Maximum Recommended
Notes
Shear
311 N [70 lbf]
1, 4
NOTES:
1.
A shear load is defined as a load applied to the IHS in a direction parallel to the IHS top surface.
Tensile
111 N [25 lbf]
2, 4
2.
A tensile load is defined as a pulling load applied to the IHS in a direction normal to the IHS surface.
Torque
3.95 N-m [35 lbf-in]
3, 4
3.
A torque load is defined as a twisting load applied to the IHS in an axis of rotation normal to the IHS top surface.
4.
These guidelines are based on limited testing for design characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com