Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

353 Datasheet(PDF) 21 Page - Intel Corporation

Part # 353
Description  Celeron M Processor on 90 nm Process
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

353 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 353 Datasheet HTML 17Page - Intel Corporation 353 Datasheet HTML 18Page - Intel Corporation 353 Datasheet HTML 19Page - Intel Corporation 353 Datasheet HTML 20Page - Intel Corporation 353 Datasheet HTML 21Page - Intel Corporation 353 Datasheet HTML 22Page - Intel Corporation 353 Datasheet HTML 23Page - Intel Corporation 353 Datasheet HTML 24Page - Intel Corporation 353 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Datasheet
21
Electrical Specifications
NOTES:
1.
The typical values shown are the VID encoded voltages. Static and ripple tolerances (for minimum and
maximum voltages) are defined in the loadline tables i.e., Table 5 through Table 7.
2.
The voltage specifications are assumed to be measured at a via on the motherboard’s opposite side of the
processor’s socket (or BGA) ball with a 100-MHz bandwidth oscilloscope, 1.5-pF maximum probe
capacitance, and 1-MΩ minimum impedance. The maximum length of ground wire on the probe should be
less than 5 mm. Ensure external noise from the system is not coupled in the scope probe.
3.
Specified at VCC,STATIC (nominal) under maximum signal loading conditions.
4.
Specified at the VID voltage.
5.
The I
CCDES(max) specification comprehends future processor HFM frequencies. Platforms should be
designed to this specification.
6.
Based on simulations and averaged over the duration of any change in current. Specified by design/
characterization at nominal VCC. Not 100% tested.
7.
Measured at the bulk capacitors on the motherboard.
8.
Adherence to loadline specification for the Celeron M processor is required to ensure reliable processor
operation.
9.
Intel processor numbers are not a measure of performance. Processor numbers differentiate features
within each processor family, not across different processor families. See www.intel.com/products/
processor_number for details.
10.
The Celeron M processor will support VCCA supply voltage of either 1.8 V ±5% or 1.5 V ±5%. Either one of
these voltages can be used on the platform.
11.
These are VID values. Individual processor VID values may be calibrated during manufacturing such that
two devices at the same speed may have different VID settings. Actual voltage supplied to the processor
should be as specified in the load lines in Figure 5 and Figure 6. Adherence to load line specifications is
required to ensure reliable processor operation.
12.
For 350J and 360J, CPU signature = 06D8h.
IDSLPULV
ICC Deep Sleep for Celeron M processor Ultra
Low Voltage 383, 373 & VCC3
3.0
A
4,9,11,
12
ICC Deep Sleep for Celeron M processor Ultra
Low Voltage 353 & 0.940 V
3.0
A
4,9
dICC/DT
VCC power supply current slew rate
0.5
A/ns
6, 7
ICCA
ICC for VCCA Supply
120
mA
ICCP
ICC for VCCP supply
2.5
A
Table 4.
Voltage and Current Specifications (Sheet 2 of 2)
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com