Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 109 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 109 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 105Page - Intel Corporation IXP46X Datasheet HTML 106Page - Intel Corporation IXP46X Datasheet HTML 107Page - Intel Corporation IXP46X Datasheet HTML 108Page - Intel Corporation IXP46X Datasheet HTML 109Page - Intel Corporation IXP46X Datasheet HTML 110Page - Intel Corporation IXP46X Datasheet HTML 111Page - Intel Corporation IXP46X Datasheet HTML 112Page - Intel Corporation IXP46X Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
109
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.5.4
UTOPIA Level 2 DC Parameters
5.5.5
MII/SMII DC Parameters
5.5.6
MDI DC Parameters
Table 33.
UTOPIA Level 2 DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -8 mA
2.4
V
VOL
Output-low voltage
IOUT = 8 mA
0.5
V
IOH
Output current at high
voltage
VOH > 2.4 V
-8
mA
IOL
Output current at low
voltage
VOL < 0.5 V
8
mA
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
1
CIN
Input-pin capacitance
5
pF
2
COUT
I/O or output pin
capacitance
5pF
2
Notes:
1.
Input leakage currents include hi-Z output leakage for all bidirectional buffers with tri-state outputs.
2.
These values are typical values seen by the manufacturing process and are not tested.
Table 34.
MII/SMII DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOHMII
Output-high voltage
IOUT = - 6 mA
2.4
V
VOLMII
Output-low voltage
IOUT = 6 mA
0.4
V
VOHSMII
Output-high voltage
IOUT = -10 mA
2.4
V
VOLSMII
Output-low voltage
IOUT = 10mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.
Table 35.
MDI DC Parameters (Sheet 1 of 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = - 6 mA
2.4
V
VOL
Output-low voltage
IOUT = 6 mA
0.4
V
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com