Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 111 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 111 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 107Page - Intel Corporation IXP46X Datasheet HTML 108Page - Intel Corporation IXP46X Datasheet HTML 109Page - Intel Corporation IXP46X Datasheet HTML 110Page - Intel Corporation IXP46X Datasheet HTML 111Page - Intel Corporation IXP46X Datasheet HTML 112Page - Intel Corporation IXP46X Datasheet HTML 113Page - Intel Corporation IXP46X Datasheet HTML 114Page - Intel Corporation IXP46X Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
111
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.5.9
High-Speed, Serial Interface 0 DC Parameters
5.5.10
High-Speed, Serial Interface 1 DC Parameters
VOHDRV2
Output-high voltage
IOUT = -20 mA
2.4
V
1, 4
VOLDRV2
Output-low voltage
IOUT = 20 mA
0.4
V
1, 4
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
2
Table 38.
High-Speed, Serial Interface 0 DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = - 6mA
2.4
V
VOL
Output-low voltage
IOUT = 6mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.
Table 39.
High-Speed, Serial Interface 1 DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -6mA
2.4
V
VOL
Output-low voltage
IOUT = 6mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.
Table 37.
Expansion Bus DC Parameters (Sheet 2 of 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.
2.
The values represented with this voltage parameter would typically be used in a system in which the
expansion bus interfaces a single load of 6pF placed less than 2 inches away from the IXP45X/IXP46X
network processors. This drive strength setting should be used to avoid ringing when minimal loading
is attached. Please use IBIS models and simulation tools to guarantee the design.
3.
The values represented with this voltage parameter would typically be used in a system in which the
expansion bus interfaces four loads of 6pF each. All components are placed no further than 4 inches
away from the IXP45X/IXP46X network processors. This drive strength setting should be used to
avoid ringing when medium loading is attached. Please use IBIS models and simulation tools to
guarantee the design.
4.
The values represented with this voltage parameter would typically be used in a system in which the
expansion bus interfaces eight loads of 6pF and all components are placed less than 6 inches from the
IXP45X/IXP46X network processors. Another use case of this drive strength would typically be four
loads of 6pF operating at 80MHz. This drive strength setting should be used to avoid ringing when
maximum loading or frequency is utilized. Please use IBIS models and simulation tools to guarantee
the design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com