Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 114 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 114 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 110Page - Intel Corporation IXP46X Datasheet HTML 111Page - Intel Corporation IXP46X Datasheet HTML 112Page - Intel Corporation IXP46X Datasheet HTML 113Page - Intel Corporation IXP46X Datasheet HTML 114Page - Intel Corporation IXP46X Datasheet HTML 115Page - Intel Corporation IXP46X Datasheet HTML 116Page - Intel Corporation IXP46X Datasheet HTML 117Page - Intel Corporation IXP46X Datasheet HTML 118Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
114
Document Number: 306261-004US
5.5.17
All Remaining I/O DC Parameters
5.6
AC Specifications
5.6.1
Clock Signal Timings
5.6.1.1
Processors’ Clock Timings
Table 46.
All Remaining I/O DC Parameters (JTAG, PLL_LOCK)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = - 4mA
2.4
V
VOL
Output-low voltage
IOUT = 4mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Notes:
1.
These values are typical values seen by the manufacturing process and are not tested.
2.
These parameters are only applicable to signal other than power and ground signals.
Table 47.
Devices’ Clock Timings
Symbol
Parameter
Min.
Nom.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
TFREQUENCY
Clock frequency for IXP45X/IXP46X
network processors oscillator.
33.33
33.33
33.33
MHz
1, 2
FREQUENCY
Clock tolerance over -40º C to 85º C.
-50
50
ppm
CIN
Pin capacitance of IXP45X/IXP46X
network processors inputs.
5pF
TDC
Duty cycle
35
50
65
%
Notes:
1.
This value is oscillator input. Leave the oscillator output pin as a no-connect.
2.
Where the IXP45X/IXP46X network processors are configured with an input reference-clock, the slew
rate should never be faster than 2.5 V/nS to ensure proper PLL operation. To properly guarantee PLL
operation at the slower slew rate, the Vih and Vil levels need to be met at the 33.33MHz frequency.
Table 48.
Processors’ Clock Timings Spread Spectrum Parameters
Spread-Spectrum
Conditions
Min
Max
Notes
Frequency deviation from
33.33 MHz as a percentage
-2.0%
+0.0%
Characterized and guaranteed by design, but not
tested. Do not over-clock the PLL input. The A.C.
timings will not be guaranteed if the device exceeds
33.33 MHz.
Modulation Frequency
50 KHz
Characterized and guaranteed by design, but not
tested
Notes:
1.
It is important to note that when using spread spectrum clocking, other clocks in the system will
change frequency over a specific range. This change in other clocks can present some system level
limitations. Please refer to the application note titled Spread Spectrum Clocking to Reduce EMI
Application Note, when designing a product that utilizes spread spectrum clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com