Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 127 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 127 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 123Page - Intel Corporation IXP46X Datasheet HTML 124Page - Intel Corporation IXP46X Datasheet HTML 125Page - Intel Corporation IXP46X Datasheet HTML 126Page - Intel Corporation IXP46X Datasheet HTML 127Page - Intel Corporation IXP46X Datasheet HTML 128Page - Intel Corporation IXP46X Datasheet HTML 129Page - Intel Corporation IXP46X Datasheet HTML 130Page - Intel Corporation IXP46X Datasheet HTML 131Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
127
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Table 66.
Intel Multiplexed Mode Values
Symbol
Parameter
Min.
Max.
Units
Notes
Talepulse
Pulse width of ALE (ADDR is valid at the rising edge of ALE)
1
4
Cycles 1, 7
Tale2addrhold
Valid address hold time after from falling edge of ALE
1
1
Cycles 1, 2, 7
Tdval2valwrt
Write data valid prior to WR_N falling edge
1
4
Cycles 3, 7
Twrpulse
Pulse width of the WR_N
1
16
Cycles 4, 7
Tdholdafterwr
Valid data after the rising edge of WR_N
1
4
Cycles 5, 7
Tale2valcs
Valid chip select after the falling edge of ALE
1
4
Cycles 7
Trdsetup
Data valid required before the rising edge of RD_N
14.7
ns
Trdhold
Data hold required after the rising edge of RD_N
2
ns
Trecov
Time needed between successive accesses on expansion
interface.
116
Cycles 6
Notes:
1.
The EX_ALE signal is extended form T to 4T nnsec based on the programming of the T1 timing
parameter. The parameter Tale2addrhold is fixed at T.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the
external device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears
(read or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on the
expansion interface.
7.
T is the period of the clock measured in ns.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing was designed for a system load between 5pF and 60pF for high drive setting
Figure 34.
Intel Simplex Mode
A9586-01
EX_CLK
EX_ADDR
EX_DATA
EX_RD_N
EX_DATA
EX_WR_N
Valid Address
Output Data
T5
1-16 Cycles
T4
1-4 Cycles
EX_CS_N
Twrpulse
Trecov
Taddr2valcs
Tdval2valwrt
Input Data
Tdhold2afterwr
T3
1-16 Cycles
T2
1-4 Cycles
T1
1-4 Cycles
Trdsetup
Trdhold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com