Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 130 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 130 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 126Page - Intel Corporation IXP46X Datasheet HTML 127Page - Intel Corporation IXP46X Datasheet HTML 128Page - Intel Corporation IXP46X Datasheet HTML 129Page - Intel Corporation IXP46X Datasheet HTML 130Page - Intel Corporation IXP46X Datasheet HTML 131Page - Intel Corporation IXP46X Datasheet HTML 132Page - Intel Corporation IXP46X Datasheet HTML 133Page - Intel Corporation IXP46X Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors—Datasheet
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
Datasheet
August 2006
130
Document Number: 306261-004US
Tale2valcs
Valid chip select after the falling edge of ALE
1
4
Cycles
7
Trdsetup
Data valid required before the rising edge of
EXP_MOT_DS_N
14.7
ns
Trdhold
Data hold required after the rising edge of EXP_MOT_DS_N
2
ns
Trecov
Time needed between successive accesses on expansion
interface.
116
Cycles
6
Figure 36.
Motorola* Simplex Mode
Table 68.
Motorola* Multiplexed Mode Values (Sheet 2 of 2)
Symbol
Parameter
Min.
Max. Units
Notes
Notes:
1.
The EX_ALE signal is extended form T to 4T nnsec, based on the programming of the T1 timing
parameter. The parameter Tale2addrhold is fixed at T.
2.
Setting the address phase parameter (T1) will adjust the duration that the address appears to the
external device.
3.
Setting the data setup phase parameter (T2) will adjust the duration that the data appears prior to a
data strobe (read or write) to an external device.
4.
Setting the data strobe phase parameter (T3) will adjust the duration that the data strobe appears
(read or write) to an external device. Data will be available during this time as well.
5.
Setting the data hold strobe phase parameter (T4) will adjust the duration that the chip selects,
address, and data (during a write) will be held.
6.
Setting the recovery phase parameter (T5) will adjust the duration between successive accesses on
the expansion interface.
7.
T is the period of the clock measured in ns.
8.
Clock to output delay for all signals will be a maximum of 15 ns for devices requiring operation in
synchronous mode.
9.
Timing was designed for a system load between 5pF and 60pF for high drive setting
A9588-01
EX_CLK
EX_ADDR
EX_DATA
EX_WR_N
(exp_mot_ds_n)
EX_RD_N
(exp_mot_rnw)
EX_DATA
EX_RD_N
(exp_mot_rnw)
Valid Address
Output Data
T5
1-16 Cycles
T4
1-4 Cycles
EX_CS_N
Tdspulse
Trecov
Tad2valcs
Tdval2valds
Input Data
Tdhold2afterds
T3
1-16 Cycles
T2
1-4 Cycles
T1
1-4 Cycles
EX_WR_N
(exp_mot_ds_n)
Trdsetup
Trdhold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com