Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 143 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 143 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 139Page - Intel Corporation IXP46X Datasheet HTML 140Page - Intel Corporation IXP46X Datasheet HTML 141Page - Intel Corporation IXP46X Datasheet HTML 142Page - Intel Corporation IXP46X Datasheet HTML 143Page - Intel Corporation IXP46X Datasheet HTML 144Page - Intel Corporation IXP46X Datasheet HTML 145Page - Intel Corporation IXP46X Datasheet HTML 146Page - Intel Corporation IXP46X Datasheet HTML 147Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
143
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.6.2.11
JTAG
Table 79.
High-Speed, Serial Timing Values
Symbol
Parameter
Min.
Max.
Units
Notes
T1
Setup time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA prior to the rising edge of clock
5ns
1, 2, 3
T2
Hold time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA after the rising edge of clock
0ns
1, 2, 3
T3
Setup time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA prior to the falling edge of clock
5ns
1, 2, 3
T4
Hold time of HSS_TXFRAME, HSS_RXFRAME, and
HSS_RXDATA after the falling edge of clock
0ns
1, 2, 3
T5
Rising edge of clock to output delay for HSS_TXFRAME,
HSS_RXFRAME, and HSS_TXDATA
15
ns
1, 4
T6
Falling edge of clock to output delay for HSS_TXFRAME,
HSS_RXFRAME, and HSS_TXDATA
15
ns
1, 3, 4
T7
Output Hold Delay after rising edge of final clock for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
0ns
1, 3, 4
T8
Output Hold Delay after falling edge of final clock for
HSS_TXFRAME, HSS_RXFRAME, and HSS_TXDATA
0ns
1, 3, 4
T9
HSS_TXCLK period and HSS_RXCLK period
1/8.192 MHz 1/512 KHz
ns
5
Notes:
1.
HSS_TXCLK and HSS_RXCLK may be coming from external independent sources or being driven by the
IXP45X/IXP46X network processors. The signals are shown to be synchronous for illustrative purposes and
are not required to be synchronous.
2.
Applicable when the HSS_RXFRAME and HSS_TXFRAME signals are being driven by an external source as
inputs into the IXP45X/IXP46X network processors. Always applicable to HSS_RXDATA.
3.
The HSS_RXFRAME and HSS_TXFRAME can be configured to accept data on the rising or falling edge of the
given reference clock. HSS_RXFRAME and HSS_RXDATA signals are synchronous to HSS_RXCLK and
HSS_TXFRAME and HSS_TXDATA signals are synchronous to the HSS_TXCLK.
4.
Applicable when the HSS_RXFRAME and HSS_TXFRAME signals are being driven by the IXP45X/IXP46X
network processors to an external source. Always applicable to HSS_TXDATA.
5.
The HSS_TXCLK can be configured to be driven by an external source or be driven by the IXP45X/IXP46X
network processors. The slowest clock speed that can be accepted or driven is 512 KHz. The maximum
clock speed that can be accepted or driven is 8.192 MHz. The clock duty cycle accepted will be 50/50 +
20%.
6.
Timing was designed for a system load between 5 pF and 30 pF for high drive setting
Figure 47.
Boundary-Scan General Timings
B0416-01
Tbsel
Tbsis
Tbsih
Tbsch
JTG_TCK
JTG_TMS, JTG_TDI
JTG_TDO
Tbsoh
Tbsod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com