Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXP46X Datasheet(PDF) 147 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 147 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 140Page - Intel Corporation IXP46X Datasheet HTML 141Page - Intel Corporation IXP46X Datasheet HTML 142Page - Intel Corporation IXP46X Datasheet HTML 143Page - Intel Corporation IXP46X Datasheet HTML 144Page - Intel Corporation IXP46X Datasheet HTML 145Page - Intel Corporation IXP46X Datasheet HTML 146Page - Intel Corporation IXP46X Datasheet HTML 147Page - Intel Corporation IXP46X Datasheet HTML 148Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
147
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.7
Power Sequence
The 3.3-V I/O voltage (VCCP) and the 2.5-V I/O voltage (VCCM) must be powered up at
least 1 µs before the processor voltage (VCC). The IXP45X/IXP46X network processors
voltage (VCC) must never become stable prior to the 3.3-V I/O voltage (VCCP) or the
2.5-V I/O voltage (VCCM).
Sequencing between VCCP and VCCM can occur in any order with respect to one another.
TIO_PHASE can be:
•VCCP prior to VCCM
•VCCM prior to VCCP
•VCCP simultaneously to VCCM
The VCCOSC, VCCPLL1, VCCPLL2, and VCCPLL3 voltages follow the VCC power-up pattern.
The VCCOSCP follows the VCCP power-up pattern.
The value for TPOWER_UP must be at least 1 µs after the later of VCCP and VCCM reaching
stable power. The TPOWER_UP timing parameter is measured between the later of the I/
O power rails (VCCP at 3.3 V or VCCM at 2.5 V) and VCC at 1.3 V.
5.8
Power Dissipation
The Intel® IXP45X and Intel® IXP46X Product Line of Network Processors were tested
assuming a typical worst case networking application under a tester environment. The
following power assessments in Table 82 assume this typical worst case networking
application using the interface activity factors listed in Table 83. The actual power may
vary if interface activity factors are different from Table 83. If applications do not
require use of certain peripherals or if interfaces operate at lower activity factors, then
the power required by the part may be significantly less than the numbers stated in
Table 82.
Figure 50.
Power-up Sequence Timing
1
2
3
4
TIME
V
CCP
V
CC
V
CCM
T
IO_PHASE TPOWER_UP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com