Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T7100 Datasheet(PDF) 39 Page - Intel Corporation

Part # T7100
Description  Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

T7100 Datasheet(HTML) 39 Page - Intel Corporation

Back Button T7100 Datasheet HTML 35Page - Intel Corporation T7100 Datasheet HTML 36Page - Intel Corporation T7100 Datasheet HTML 37Page - Intel Corporation T7100 Datasheet HTML 38Page - Intel Corporation T7100 Datasheet HTML 39Page - Intel Corporation T7100 Datasheet HTML 40Page - Intel Corporation T7100 Datasheet HTML 41Page - Intel Corporation T7100 Datasheet HTML 42Page - Intel Corporation T7100 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
Datasheet
39
Electrical Specifications
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that is interpreted as a
logical low value.
3.
VIH is defined as the minimum voltage level at a receiving agent that is interpreted as a
logical high value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must
comply with the signal quality specifications.
5.
This is the pull-down driver resistance. Measured at 0.31*VCCP. RON (min) = 0.4*RTT, RON
(typ) = 0.455*RTT, RON (max) = 0.51*RTT. RTT typical value of 55 Ω is used for RON typ/
min/max calculations.
6.
GTLREF should be generated from VCCP with a 1%-tolerance resistor divider. The VCCP
referred to in these specifications is the instantaneous VCCP.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver.
Measured at 0.31*VCCP. RTT is connected to VCCP on die.
8.
Specified with on die RTT and RON turned off. Vin between 0 and VCCP.
9.
Cpad includes die capacitance only. No package parasitics are included.
10.
This is the external resistor on the comp pins.
11.
On die termination resistance measured at 0.33*VCCP.
Table 11.
AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
GTLREF
Reference Voltage
2/3 VCCP
V6
RCOMP
Compensation Resistor
27.23
27.5
27.78
Ω
10
RODT
Termination Resistor
55
Ω
11
VIH
Input High Voltage
GTLREF+0.10
VCCP
VCCP+0.10
V
3,6
VIL
Input Low Voltage
-0.10
0
GTLREF-0.10
V
2,4
VOH
Output High Voltage
VCCP-0.10
VCCP
VCCP
6
RTT
Termination Resistance
50
55
61
Ω
7
RON
Buffer On Resistance
22
25
28
Ω
5
ILI
Input Leakage Current
±100
µA
8
Cpad
Pad Capacitance
1.6
2.1
2.55
pF
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com