Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2500 Datasheet(PDF) 13 Page - Intel Corporation

Part # L2500
Description  Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L2500 Datasheet(HTML) 13 Page - Intel Corporation

Back Button L2500 Datasheet HTML 9Page - Intel Corporation L2500 Datasheet HTML 10Page - Intel Corporation L2500 Datasheet HTML 11Page - Intel Corporation L2500 Datasheet HTML 12Page - Intel Corporation L2500 Datasheet HTML 13Page - Intel Corporation L2500 Datasheet HTML 14Page - Intel Corporation L2500 Datasheet HTML 15Page - Intel Corporation L2500 Datasheet HTML 16Page - Intel Corporation L2500 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Datasheet
13
Low Power Features
2.1.1
Core Low-Power States
2.1.1.1
C0 State
This is the normal operating state for the Intel Core Duo processor and Intel Core Solo
processor.
2.1.1.2
C1/AutoHALT Powerdown State
C1/AutoHALT is a low power state entered when the processor core executes the HALT
instruction. The processor core will transition to the C0 state upon the occurrence of
SMI#, INIT#, LINT[1:0] (NMI, INTR), or FSB interrupt message. RESET# will cause the
processor to immediately initialize itself.
A System Management Interrupt (SMI) handler will return execution to either Normal
state or the AutoHALT Powerdown state. See the Intel® Architecture Software
Developer's Manual, Volume 3A/3B: System Programmer's Guide for more information.
The system can generate an STPCLK# while the processor is in the AutoHALT
Powerdown state. When the system deasserts the STPCLK# interrupt, the processor
will return execution to the HALT state.
While in AutoHALT Powerdown state, the dual core processor will process bus snoops
and snoops from the other core, and the single core processor will process only the bus
snoops. The processor core will enter a snoopable sub-state (not shown in Figure 2) to
process the snoop and then return to the AutoHALT Powerdown state.
2.1.1.3
C1/MWAIT Powerdown State
MWAIT is a low power state entered when the processor core executes the MWAIT
instruction. Processor behavior in the MWAIT state is identical to the AutoHALT state
except that there is an additional event that can cause the processor core to return to
the C0 state: the Monitor event. See the Intel® Architecture Software Developer's
Manual, Volumes 2A/2B: Instruction Set Reference, for more information.
2.1.1.4
Core C2 State
Individual cores of the Intel Core Duo processor and Intel Core Solo processor can
enter the C2 state by initiating a P_LVL2 I/O read to the P_BLK or an MWAIT(C2)
instruction, but the processor will not issue a Stop Grant Acknowledge special bus cycle
unless the STPCLK# pin is also asserted.
While in C2 state, the dual core processor will process bus snoops and snoops from the
other core, and the single core processor will process only the bus snoops. The
processor core will enter a snoopable sub-state (not shown in Figure 2) to process the
snoop and then return to the C2 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com