Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7200 Datasheet(PDF) 13 Page - Intel Corporation

Part # L7200
Description  Intel Core2 Duo Mobile Processor for Intel Centrino Duo Mobile Processor Technology
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

L7200 Datasheet(HTML) 13 Page - Intel Corporation

Back Button L7200 Datasheet HTML 9Page - Intel Corporation L7200 Datasheet HTML 10Page - Intel Corporation L7200 Datasheet HTML 11Page - Intel Corporation L7200 Datasheet HTML 12Page - Intel Corporation L7200 Datasheet HTML 13Page - Intel Corporation L7200 Datasheet HTML 14Page - Intel Corporation L7200 Datasheet HTML 15Page - Intel Corporation L7200 Datasheet HTML 16Page - Intel Corporation L7200 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Datasheet
13
Low Power Features
2.1.1
Core Low Power State Descriptions
2.1.1.1
Core C0 State
This is the normal operating state for cores in the processor.
2.1.1.2
Core C1/AutoHALT Powerdown State
C1/AutoHALT is a low power state entered when a core executes the HALT instruction.
The processor core will transition to the C0 state upon occurrence of SMI#, INIT#,
LINT[1:0] (NMI, INTR), or FSB interrupt messages. RESET# will cause the processor to
immediately initialize itself.
A System Management Interrupt (SMI) handler will return execution to either Normal
state or the AutoHALT Powerdown state. See the Intel® 64 and IA-32 Intel®
Architectures Software Developer's Manual, Volume 3A/3B: System Programmer's
Guide for more information.
The system can generate a STPCLK# while the processor is in the AutoHALT
Powerdown state. When the system deasserts the STPCLK# interrupt, the processor
will return execution to the HALT state.
Figure 2.
Package Low Power States
Table 1.
Coordination of Core Low Power States at the Package Level
Package State
Core1 State
Core0 State
C0
C1/Auto
HALT/
MWAIT
C2
C3
C4
C0
Normal
Normal
Normal
Normal
Normal
C1/AutoHALT/
MWAIT
Normal
Normal
Normal
Normal
Normal
C2
Normal
Normal
Stop-Grant
Stop-Grant
Stop-Grant
C3
Normal
Normal
Stop-Grant
Deep Sleep
Deep Sleep
C4
Normal
Normal
Stop-Grant
Deep Sleep
Deeper Sleep/
Intel®
Enhanced
Deeper Sleep
Stop
Grant
Snoop
Normal
Stop
Grant
Deep
Sleep
STPCLK# asserted
Snoop
serviced
Snoop
occurs
Deeper
Sleep
†
Sleep
SLP# asserted
SLP# de-asserted
DPSLP# asserted
DPSLP# de-asserted
DPRSTP# de-asserted
DPRSTP# asserted
STPCLK# de-asserted
† — Deeper Sleep includes the Deeper Sleep state and Intel Enhanced Deeper Sleep state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com