Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4Z Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RM4Z
Description  SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RM4Z Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RM4Z Datasheet HTML 1Page - EIC discrete Semiconductors RM4Z Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM4 - RM4Z
SILICON RECTIFIER DIODES
PRV : 100 - 400 Volts
Io : 1.7 Ampere
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
1.21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RM4Y
RM4Z
RM4
UNIT
Maximum Reverse Voltage
VRM
100
200
400
V
Maximum Peak Reverse Surge Voltage
VRSM
150
250
450
V
Maximum Average Forward Current
IF(AV)
1.7 (3.0 A is with Heatsink)
A
Maximum Peak Forward Surge Current
Half-cycle Sine wave, 50 Hz, Single Shot
Maximum Forward Voltage at I F = 3.0 A
VF
0.95
V
Maximum Reverse Current
Ta = 25
°C
IR
10
μA
at VR = VRmax.
Ta = 150
°C
IR(H)
50
μA
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
200
A
0.21 (5.33)
0.19 (4.83)
DO - 201AD
0.375 (9.53)
0.285 (7.24)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - RM4Z

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM4Z SANKEN-RM4Z Datasheet
21Kb / 1P
Rectifier Diodes
RM4Z SANKEN-RM4Z Datasheet
203Kb / 3P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
RM4Z EIC-RM4Z Datasheet
104Kb / 2P
PRV : 100 - 400 Volts Io : 1.7 Ampere
Rev. 03: October 8, 2012
More results

Similar Description - RM4Z

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
SILICON RECTIFIER DIODES
10A01 EIC-10A01 Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com