Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RG2
Description  ULTRA FAST RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RG2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RG2 Datasheet HTML 1Page - EIC discrete Semiconductors RG2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RG2 - RG2Z
ULTRA FAST RECOVERY
RECTIFIER DIODES
PRV : 200 - 400 Volts
Io : 1.2 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : D2 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.465 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RG2Z
RG2
UNIT
Maximum Peak Reverse Voltage
VRM
V
Maximum Peak Reverse Surge Voltage
VRSM
V
Maximum Average Forward Current Ta = 60
°C
IF(AV)
A
Maximum Peak Forward Surge Current
(50 Hz, Half-cycle, Sine wave, Single Shot)
Maximum Forward Voltage at IF = 1.5A
VF
V
Maximum Reverse Current at VR = VRM Ta = 25
°C
IR
mA
Maximum Reverse Current at VR = VRM Ta = 100
°C
IR(H)
mA
Maximum Reverse Recovery Time ( Note 1 )
Trr
ns
Junction Temperature Range
TJ
°C
Storage Temperature Range
TSTG
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 100 mA, IRP = 100 mA.
Page 1 of 2
Rev. 03 :September 7, 2005
A
0.5
2.5
RATING
IFSM
50
100
- 40 to + 150
- 40 to + 150
200
400
200
400
1.2
1.5
1.8
0.034 (0.86)
0.028 (0.71)
D2
0.284 (7.21)
0.268 (6.81)
0.161 (4.1)
0.154 (3.9)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - RG2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RG2 SANKEN-RG2 Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
RG2 EIC-RG2 Datasheet
29Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DIODES
logo
List of Unclassifed Man...
RG2 ETC-RG2 Datasheet
54Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RG2 BILIN-RG2 Datasheet
58Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Sanken electric
RG2 SANKEN-RG2 Datasheet
191Kb / 4P
Silicon Diode
More results

Similar Description - RG2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
Ultra-Fast Recovery Rectifier Diodes
MUR2060F YANGJIE-MUR2060F Datasheet
142Kb / 4P
Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com