Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3644 Datasheet(PDF) 2 Page - 3M Electronics

Part # 3644
Description  3M Round, Shielded/Jacketed, Disc. Wire Cable 28 AWG Stranded, Twisted Pair, PO/PVC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3644 Datasheet(HTML) 2 Page - 3M Electronics

  3644 Datasheet HTML 1Page - 3M Electronics 3644 Datasheet HTML 2Page - 3M Electronics 3644 Datasheet HTML 3Page - 3M Electronics 3644 Datasheet HTML 4Page - 3M Electronics 3644 Datasheet HTML 5Page - 3M Electronics 3644 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
28 AWG Stranded, Twisted Pair, PO/PVC
3644X Series
TS-0826-B
Sheet 2 of 3
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
C
Dim A
.026 Min
[ 0.66 ]
PVC Jacket
Braid
Filler
(Mfgr Option)
Cable:
Twisted Pair
Film Foil
Foam
Polypropylene Tape
Discrete Wire
Detail
.026 ± .001
[ 0.66 ]
Foam Polypropylene Tape
Film Foil
28 AWG 7 × 36 [ 7 × 0.127 ]
Tinned Stranded Copper
Conductors
Number of
Conductors 3M Part Number Dimension A ± .02
14 (7 Pair)
3644X/14
.22 [ 5.6 ]
16 (8 Pair)
3644x/16
.23 [ 5.8 ]
20 (10 Pair)
3644X/20
.24 [ 6.1 ]
24 (12 pair)
3644X/24
.25 [ 6.4 ]
26 (13 Pair)
3644X/26
.25 [ 6.4 ]
30 (15 Pair)
3644X/30
.27 [ 6.9 ]
36 (18 Pair)
3644X/36
.29 [ 7.4 ]
40 (20 Pair)
3644X/40
.30 [ 7.6 ]
50 (25 Pair)
3644X/50
.32 [ 8.1 ]
68 (34 Pair)
3644X/68
.37 [ 9.4 ]
80 (40 Pair)
3644X/80
.39 [ 9.9 ]
100 (50 Pair)
3644X/100
.44 [11.2 ]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com