Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8200 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8200
Description  3M D Sub Plug Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8200 Datasheet(HTML) 1 Page - 3M Electronics

  8200 Datasheet HTML 1Page - 3M Electronics 8200 Datasheet HTML 2Page - 3M Electronics 8200 Datasheet HTML 3Page - 3M Electronics 8200 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MD Sub Plug
Plug Connector
8200 Series
• Available in either open or closed end cover
• Available with dimples to aid in EMI/ESD protection
• Improved metal strain relief hooks directly to metal
shell
• Low profile
• Four mounting options
• RoHS Compliant. See the Regulatory Information
Appendix (RIA) in the "RoHS Compliance" section
of www.3Mconnector.com for compliance
information (RIA E1 and C1 apply).
Date Modified: February 15, 2010
TS-0234-D
Sheet 1 of 3
Physical
Insulation:
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact:
Material: Copper Alloy
Plating:
Underplating: 100 µ" [ 2.54 µm ] Nickel
Wiping Area: 30 µ" [ 0.76 µm ] Gold
Shell Material: Steel
Plating: Tin
Strain Relief Material: Stainless Steel .016 [ 0.40 ] Thick
Wire Accommodation: 26 and 28 AWG Solid or Stranded
Marking: 3M Logo and Contact Position Numbers
Electrical
Current Rating: 1 A
Insulation Resistance: > 1 × 109
Ω at 500VDC
Withstanding Voltage: 1000 VRMS at Sea Level
Environmental
Temperature Rating: -55°C to +105°C
UL File No.: E68080


Similar Part No. - 8200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8200 ETC1-8200 Datasheet
48Kb / 1P
4700
logo
Filtran LTD
8200 FILTRAN-8200 Datasheet
144Kb / 1P
T3/DS3/E3/STS-1 Input/Output Transformers
logo
Mallory performance clu...
8200 MALLORY-8200 Datasheet
301Kb / 2P
MSD Blaster Coil
logo
Christian Bürkert GmbH ...
8200 BURKERT-8200 Datasheet
1Mb / 18P
pH measuring system for hygienic applica-tions
06.12.2021
8200 BURKERT-8200 Datasheet
1Mb / 15P
pH- and ORP-probes
08.09.2023
More results

Similar Description - 8200

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3572-1000 3M-3572-1000 Datasheet
488Kb / 4P
3M D Ribbon Wiremount Plug
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
3M D Sub Plug
89809-8000 3M-89809-8000 Datasheet
37Kb / 3P
D Sub Plug Connector
3572-1000 3M-3572-1000_07 Datasheet
235Kb / 4P
3M??D Ribbon Wiremount Plug
926781-01-10-I 3M-926781-01-10-I Datasheet
254Kb / 5P
3M??D Ribbon Wiremount Plug
logo
Winchester Electronics ...
RM13W6P-1015 WINCHESTER-RM13W6P-1015 Datasheet
138Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1016 WINCHESTER-RM13W6P-1016 Datasheet
134Kb / 1P
D-SUB PLUG CONNECTOR
RM13W6P-1017 WINCHESTER-RM13W6P-1017 Datasheet
136Kb / 1P
D-SUB PLUG CONNECTOR
RM21WA4P-1028 WINCHESTER-RM21WA4P-1028 Datasheet
182Kb / 1P
D-SUB PLUG CONNECTOR
logo
Adam Technologies, Inc.
DB25-PJR-24 ADAM-TECH-DB25-PJR-24 Datasheet
87Kb / 1P
D-SUB CONNECTOR PLUG
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com