Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB7NK80Z Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB7NK80Z
Description  N-channel 800 V, 1.5 Ω, 5.2 A, TO-220,TO-220FP,D2PAK,I2PAK Zener-protected SuperMESH™Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7NK80Z Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB7NK80Z Datasheet HTML 9Page - STMicroelectronics STB7NK80Z Datasheet HTML 10Page - STMicroelectronics STB7NK80Z Datasheet HTML 11Page - STMicroelectronics STB7NK80Z Datasheet HTML 12Page - STMicroelectronics STB7NK80Z Datasheet HTML 13Page - STMicroelectronics STB7NK80Z Datasheet HTML 14Page - STMicroelectronics STB7NK80Z Datasheet HTML 15Page - STMicroelectronics STB7NK80Z Datasheet HTML 16Page - STMicroelectronics STB7NK80Z Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
STB7NK80Z, STB7NK80Z-1, STP7NK80ZFP, STP7NK80Z
14/17
Doc ID 8979 Rev 6
D2PAK (TO-263) mechanical data
Dim
h
c
n
i
m
m
Min
Typ
Max
Min
Typ
Max
1
8
1
.
0
3
7
1
.
0
0
6
.
4
0
4
.
4
A
9
0
0
.
0
1
0
0
.
0
3
2
.
0
3
0
.
0
1
A
7
3
0
.
0
7
2
0
.
0
3
9
.
0
0
7
.
0
b
7
6
0
.
0
5
4
0
.
0
0
7
.
1
4
1
.
1
2
b
4
2
0
.
0
7
1
0
.
0
0
6
.
0
5
4
.
0
c
3
5
0
.
0
8
4
0
.
0
6
3
.
1
3
2
.
1
2
c
8
6
3
.
0
2
5
3
.
0
5
3
.
9
5
9
.
8
D
5
9
2
.
0
0
5
.
7
1
D
9
0
4
.
0
4
9
3
.
0
0
4
.
0
1
0
1
E
4
3
3
.
0
0
5
.
8
1
E
1
.
0
4
5
.
2
e
8
0
2
.
0
2
9
1
.
0
8
2
.
5
8
8
.
4
1
e
4
2
6
.
0
0
9
5
.
0
5
8
.
5
1
5
1
H
6
0
1
.
0
9
9
0
.
0
9
6
.
2
9
4
.
2
1
J
0
1
1
.
0
0
9
0
.
0
9
7
.
2
9
2
.
2
L
5
5
0
.
0
5
0
.
0
0
4
.
1
7
2
.
1
1
L
9
6
0
.
0
1
5
0
.
0
5
7
.
1
0
3
.
1
2
L
6
1
0
.
0
4
.
0
R
°
8
°
0
°
8
°
0
2
V
0079457_M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com