Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WMX6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # M41ST87WMX6
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WMX6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M41ST87WMX6 Datasheet HTML 40Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 41Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 42Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 43Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 44Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 45Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 46Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 47Page - STMicroelectronics M41ST87WMX6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
DC and AC parameters
M41ST87Y, M41ST87W
44/52
Doc ID 9497 Rev 8
Table 17.
DC characteristics
Sym
Parameter
Test condition(1)
M41ST87Y
M41ST87W
Unit
Min
Typ
Max
Min
Typ
Max
IBAT
(2)
Battery current
OSC ON
TA = 25 °C, VCC = 0 V,
VBAT = 3 V
500
700
500
700
nA
Battery current
OSC OFF
50
50
nA
ICC1
Supply current
f = 400 kHz
1.4
0.75
mA
ICC2
Supply current
(standby)
SCL, SDA
≥ V
CC – 0.3 V
1
0.50
mA
ILI
(3)
Input leakage
current
0V
≤ VIN ≤ VCC
±1
±1
µA
Input leakage
current (PFI)
–25
2
25
–25
2
25
nA
ILO
(4)
Output leakage
current
0V
≤ VIN ≤ VCC
±1
±1
µA
IOUT1
(5) VOUT current
(active)
VOUT1 > VCC – 0.3 V
175
100
mA
IOUT2
VOUT current
(battery backup)
VOUT2 > VBAT – 0.3 V
100
100
µA
VIH
Input high
voltage
0.7V
CC
VCC + 0.3 0.7VCC
VCC + 0.3
V
VIL
Input low voltage
–0.3
0.3VCC
–0.3
0.3VCC
V
VBAT
Battery voltage
2.5
3.0
VCC
2.5
3.0
VCC
V
VOH
(6)
Output high
voltage
IOH = –1.0 mA
2.4
2.4
V
Pull-up supply
voltage
(open drain)
IRQ/OUT, RST, F32k
5.5
3.6
V
VOHB
(7) VOH (battery
backup)
IOUT2 = –1.0 µA
(8)
2.9
2.9
V
VOL
Output low
voltage
IOL = 3.0 mA
0.4
0.4
V
Output low
voltage
(open drain)(9)
IOL = 10 mA
0.4
0.4
V
VPFD
Power fail
deselect
THS bit = 0
4.20
4.35
4.50
2.55
2.62
2.70
V
THS bit = 1
4.50
4.60
4.75
2.80
2.88
3.00
V
VPFI1,
VPFI2
PFI input
threshold
VCC = 5 V (Y)
1.225
1.250
1.275
V
VCC = 3 V (W)
1.225
1.250
1.275
V
PFI hysteresis
PFI rising
20
70
20
70
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com