Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41ST87YSS6
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41ST87YSS6 Datasheet HTML 16Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 17Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 18Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 19Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 20Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 21Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 22Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 23Page - STMicroelectronics M41ST87YSS6 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
Operating modes
M41ST87Y, M41ST87W
20/52
Doc ID 9497 Rev 8
Figure 14.
Tamper detect connection options
Note:
These options are summarized in Table 3.
1.
If the CLRXEXT bit is set, a second tamper to VOUT (TPM2 = '1') during tCLR will not be detected.
2.
If the CLRXEXT bit is set, a second tamper to VOUT (TPM2 = '1') will trigger automatically.
3.
Optional external resistor to VCC allows the user to bypass sampling when power is “on.”
Table 3.
Tamper detection truth table
Option
Mode
TCMX
TPMX
I
Normally open/tamper to GND(1)
1.
No battery current drawn during battery backup.
10
II
Normally open/tamper to VOUT
(1)
11
III
Normally closed/tamper to GND
0
0
IV
Normally closed/tamper to VOUT
01
AI07075
TPIN
TAMPER HI
(TPMX = 1)
TAMPER LO
(TPMX = 0)
VOUT
(1)
TPIN
NORMALLY
CLOSED
(TCMX = 0)
NORMALLY
OPEN
(TCMX = 1)
I.
IV.
II.
III.
TPIN
VOUT
(2)
TCHI/TCLO = 0
TCHI/TCLO = 1
TCHI/TCLO = 0
TCHI/TCLO = 1
VOUT (Int)
VCC
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com