Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41ST87WSS6
Description  5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41ST87WSS6 Datasheet HTML 5Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 6Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 7Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 8Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 9Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 10Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 11Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 12Page - STMicroelectronics M41ST87WSS6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
M41ST87Y, M41ST87W
Description
Doc ID 9497 Rev 8
9/52
Table 1.
Signal names
XI(1)
1.
Available in SSOP (SS) package only.
Oscillator input
XO(1)
Oscillator output
ECON
(2)
2.
Available in SOX28 (MX) package only.
Conditioned chip enable output
EX(2)
External chip enable
IRQ/OUT(3)
3.
Open drain output.
Interrupt/out output (open drain)
PFI1
Power fail input 1
PFI2
Power fail input 2
PFO1
(4)
4.
Programmable output (open drain or full-CMOS).
Power fail output 1
PFO2
(4)
Power fail output 2
RST(3)
Reset output (open drain)
RSTIN1
Reset 1 input
RSTIN2(2)
Reset 2 input
SCL
Serial clock input
SDA
Serial data input/output
SQW/FT(4)
Square wave output/frequency test
WDI(2)
Watchdog input
VCC
Supply voltage
VOUT
Voltage output
VSS
Ground
F32k
(3)
32 kHz square wave output (open drain)
TP1IN
Tamper pin 1 input
TP2IN
Tamper pin 2 input
TPCLR
(2)
Tamper pin RAM clear
VBAT
Positive battery pin input
NF(5)
5.
Should be connected to VSS.
No function
NC(5)
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com