Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2246 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV2246
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2246 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV2246 Datasheet HTML 16Page - STMicroelectronics STV2246 Datasheet HTML 17Page - STMicroelectronics STV2246 Datasheet HTML 18Page - STMicroelectronics STV2246 Datasheet HTML 19Page - STMicroelectronics STV2246 Datasheet HTML 20Page - STMicroelectronics STV2246 Datasheet HTML 21Page - STMicroelectronics STV2246 Datasheet HTML 22Page - STMicroelectronics STV2246 Datasheet HTML 23Page - STMicroelectronics STV2246 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - FUNCTIONAL DESCRIPTION
20/86
3 FUNCTIONAL DESCRIPTION
The STV224XH/228XH is an integrated device
that processes PIF, SIF, Video and Chroma sig-
nals while scanning for PAL, SECAM and NTSC
standards. It includes a base band chroma delay
line, Video, SVHS and audio switches.
3.1 DETAILED FEATURES
3.1.1 Power Supplies
VCCIF: 5 V power supply dedicated to IF proces-
sors. GNDIF is the ground reference of these
parts.
VCCD: 5 V power supply dedicated to I²C bus and
digital parts. GNDD is the ground reference of
these parts.
VCC1: 8 V power supply for video switches, scan-
ning part and the chroma decoder. GND 1 is the
ground reference of all these functions.
VCC2: 8 V power supply for the luminance, RGB
processing parts audio switch and internal CVBS
output. GND2 is the ground reference of these
parts.
3.1.2 Picture Intermediate Frequency (PIF)
– AGC amplifier.
– PLL synchronous demodulator. Bus-controlled
VCO for integrated tuning of the external LC res-
onator. For a 38.9 MHz VCO, the LC coil specifi-
cation has to be:
C = 39pF, f = 44 MHz ±2% (LC not connected).
For a 33.9 MHz VCO (L’), the VCO can be
switched via the bus control.
– Digital AFC via bus.
– IF Automatic Gain Control (AGC)
Negative modulation: top sync regulation, regu-
lation of overmodulated signals (overmodulation
regulation circuit enabled through bus control).
Positive modulation: main regulation on white
level with black level limitation.
– Tuner-delayed AGC with bus control for AGC
gain and threshold. Tuner AGC output status can
be read in I²C bus read register.
– CVBS output with two bus-controlled ampli-
tudes. CVBS output at 2 VPP if external sound
trap is not connected (QSS mode, for example).
CVBS output at 2.3 VPP if external sound trap is
connected.
3.1.3 Sound Intermediate Frequency (SIF) and
Sound Demodulators
– QSS structure.
– SIF Automatic Gain Control (QSS mode).
– Built-in sound bandpass.
– PLL FM Demodulator for 4.5, 5.5, 6.0 or 6.5 MHz
carriers. The Sound Standard is selected by the
MCU. The FM demodulator VCO is automatically
calibrated using the chroma crystal VCO refer-
ence frequency. The FM Demodulator VCO is
automatically calibrated for all sound standards
independently of the chroma crystal VCO fre-
quency, which is either 4.4 MHz or 3.5 MHz. For
each sound carrier frequency, the IC sends an
indication of the sound subcarrier level to the
MCU so that it can select the proper standard.
In Normal mode, the maximum FM deviation is
200 kHz. In Audio FM Wide mode (BGDKI), the
maximum FM deviation is 400 kHz. The Audio
FM Wide mode of the STV224XH must be used
in QSS applications only, using standard specific
SAW filters (DK SAW filter or BG SAW filter).
– The sound subcarrier level is valid when the FM
Demodulation VCO is calibrated. This informa-
tion can be read via the I²C Bus.
– Bus controls for FM de-emphasis (50 or 75 µs)
and FM deviation ±25 or ±50 kHz).
– AM demodulator.
– Sound demodulator output: either an AM or FM
signal can be the output for the Mono chassis
– Sound subcarriers for the Stereo chassis.
3.1.4 Audio Switch
– One SCART switch.
– Bus-controlled volume and mute. Zero-crossing
function on volume control.
– Automatic Volume Levelling (AVL) function can
be enabled via the I²C bus.
– AVL status (Min. or Max. AVL Gain) can be read
in I²C bus register.
– The AM sound can be selected on the main au-
dio output for the Stereo chassis.
3.1.5 Surface Acoustic Wave (SAW) Filter
Switch Control
– SAW filter switch control pin is available in the
TQFP64 package. The SAW filter switch control
pin is used to select the correct SAW filter char-
acteristics (e.g.: M/N or BGDK characteristics).
In a multi-standard chassis, two output voltages
are selected via the I²C bus (low level voltage at
0.4 V Max., and high level voltage at 4 V Min.).
3.1.6 Video Switches
– Video switch with three CVBS inputs and one
CVBS output (CVBSOUT1) which may be used
to drive a teletext decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com