Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM809 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM809
Description  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM809 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM809_10 Datasheet HTML 4Page - STMicroelectronics STM809_10 Datasheet HTML 5Page - STMicroelectronics STM809_10 Datasheet HTML 6Page - STMicroelectronics STM809_10 Datasheet HTML 7Page - STMicroelectronics STM809_10 Datasheet HTML 8Page - STMicroelectronics STM809_10 Datasheet HTML 9Page - STMicroelectronics STM809_10 Datasheet HTML 10Page - STMicroelectronics STM809_10 Datasheet HTML 11Page - STMicroelectronics STM809_10 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Operation
STM809/810/811/812
8/21
Doc ID 9873 Rev 5
2.4
Valid RST output down to VCC = 0 V
When VCC falls below 1 V, the RST (STM809/811) output no longer sinks current, but
becomes an open circuit. In most systems this is not a problem, as most MCUs do not
operate below 1 V. However, in applications where RST output must be valid down to 0 V, a
pull-down resistor may be added to hold the RST output low. This resistor must be large
enough to not load the RST output, and still be small enough to pull the output to ground. A
100 k
Ω resistor is recommended.
Note:
The same situation applies for the active-high RST of the STM810/812. A 100 k
Ω pull-up
resistor to VCC should be used if RST must remain valid for VCC < 1.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com