Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM810 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM810
Description  Reset circuit
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM810 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM810 Datasheet HTML 10Page - STMicroelectronics STM810 Datasheet HTML 11Page - STMicroelectronics STM810 Datasheet HTML 12Page - STMicroelectronics STM810 Datasheet HTML 13Page - STMicroelectronics STM810 Datasheet HTML 14Page - STMicroelectronics STM810 Datasheet HTML 15Page - STMicroelectronics STM810 Datasheet HTML 16Page - STMicroelectronics STM810 Datasheet HTML 17Page - STMicroelectronics STM810 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DC and AC parameters
STM809/810/811/812
14/21
Doc ID 9873 Rev 5
Table 5.
DC and AC characteristics
Sym
Alter-
native
Description
Test condition(1)
Min
Typ
Max
Unit
VCC
Operating voltage
TA = –40 to +85 °C
1.2
5.5
V
TA = 0 to +70 °C
1.0
5.5
V
ICC
VCC supply current
VCC < 3.6 V
5.5
10
µA
VCC < 5.5 V
7
15
µA
VIH
MR input high voltage
VCC > VRST (max), STM8XXL/M
2.2
V
VCC > VRST (max), STM8XXR/S/T 0.7 VCC
V
VIL
MR input low voltage
VCC > VRST (max), STM8XXL/M
0.8
V
VCC > VRST (max), STM8XXR/S/T
0.25 VCC
V
VOL
RST output low voltage
(active high(2) or low)
STM8XXR/S/T only,
IOL = 1.2 mA
VCC = VRST (min)
0.3
V
STM8XXL/M only,
IOL = 3.2 mA
VCC = VRST (min)
0.4
V
VOL
RST output low voltage
IOL = 50 µA; VCC > 1.0 V
0.3
V
VOH
RST output high voltage
STM8XXR/S/T only,
IOH = 500 µA
0.8 VCC
V
STM8XXL/M only,
IOH = 800 µA
0.8 VCC
V
RST output high voltage
IOH = 150 µA,
1.8 V < VCC < VRST (min)
0.8 VCC
V
Reset thresholds
VRST
Reset threshold
STM8XXL
25 °C
4.56
4.63
4.70
V
–40 to 85 °C
4.50
4.75
V
STM8XXM
25 °C
4.31
4.38
4.45
V
–40 to 85 °C
4.25
4.50
V
STM8XXT
25 °C
3.04
3.08
3.11
V
–40 to 85 °C
3.00
3.15
V
STM8XXS
25 °C
2.89
2.93
2.96
V
–40 to 85 °C
2.85
3.00
V
STM8XXR
25 °C
2.59
2.63
2.66
V
–40 to 85 °C
2.55
2.70
V
VRST temperature
coefficient
VCC = 3.3 V
45
ppm/
°C
VCC to RST delay
VCC = VRST to
(VRST – 100 mV)
STM8XXL/M
40
µs
STM8XXR/S/T
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com