Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2237 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV2237
Description  I²C bus-controlled multistandard single chip TV processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2237 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV2237 Datasheet HTML 52Page - STMicroelectronics STV2237 Datasheet HTML 53Page - STMicroelectronics STV2237 Datasheet HTML 54Page - STMicroelectronics STV2237 Datasheet HTML 55Page - STMicroelectronics STV2237 Datasheet HTML 56Page - STMicroelectronics STV2237 Datasheet HTML 57Page - STMicroelectronics STV2237 Datasheet HTML 58Page - STMicroelectronics STV2237 Datasheet HTML 59Page - STMicroelectronics STV2237 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STV224X, STV228X, STV223X - I²C BUS SELECTION
56/86
6.5 POWER-ON RESET - INITIAL BUS REGISTER CONDITIONS
Power-On Reset is active when the power supply VCCD is below 3 Volts.
All data from all registers must be written by microprocessor after power-on. Unused data must be set to
0. POR values are not tested during production.
Reg.
Addr.
(Hex)
Initial Data Value
Comments
d7 d6 d5 d4 d3 d2 d1 d0
00
100000
00
PIFVCO free running fine adjustment Typical.
01
000001
11
PIFVCO coarse typ, BG = 38.9 MHz, Negative modulation, AFC active,
no PIF over-modulation regulation.
02
000100
00
CVBS amplitude Typical, 2VPP.
03
001000
00
Tuner AGC starting point Typical, Tuner AGC gain Min.
04
000000
00
FM/AM out selected, FM de-emphasis and FM deviation auto-control, FM demod.
active, FM out selected, QSS and AM demod. active.
05
011111
11
Volume control attenuation at maximum, linear curve (dB).
06
000000
00
PIF < 42 MHz, 6.5 MHz sound carrier selected, auto AGC SIF time constant, saw
filter switch control at low level, CVBS out enabled, QSS mode.
07
001000
00
Contrast at middle, blue screen disabled.
08
001000
00
Saturation at middle, half contrast disabled, oversize blanking disabled.
09
001000
00
Brightness at middle, RGB Blanking not active.
0A
001000
00
Red drive at middle, RGBext insertion enabled (FBext Pin control).
0B
001000
00
Green drive at middle, black stretch disabled, black stretch ref 0IRE.
0C
001000
00
Blue drive at middle, cut-off loop active.
0D
001000
00
Red cut-off at middle, automatic cut-off loop.
0E
001000
00
Green cut-off at middle.
0F
000010
00
Peaking on luma at middle, coring off, trap ON (CVBS & color identified), CVBS2
ON, white insertion not active.
10
000100
00
APR disabled, APR threshold at middle, RGB OSD contrast disabled.
11
000000
00
No shift of bell filter center frequency, 0dB P/N demod. gain, 90° matrix selection,
ACC overload ON.
12
000000
00
No shift of bandpass center frequency, chroma reference output off, chroma delay
line on.
13
000000
00
Two crystals application P/S/N, PAL XTAL1 forced mode, two crystal applications.
14
001000
00
Hue at middle, flesh disabled, normal flesh characteristic.
15
000000
00
CVBS1 selected on main CVBS output, CVBS1 selected on second CVBS output,
CVBS mode.
16
001000
00
Horizontal shift at middle, horizontal output enabled, interlace mode.
17
001000
00
Vertical amplitude at middle, auto 50/60 Hz identification.
18
000010
00
Vertical position at middle, automatic time constant selection on PLL1, PLL1 active,
Vertical synchronization active.
19
000000
00
0.1 V low level at pin VERT, frame blanking adapted to standard, noise detector low
threshold.
1A
000000
00
Not active, auto cut-off.
1B
000000
00
Not active, auto cut-off.
1C
000000
00
Not active, auto cut-off.
1D
000000
00
R-Y output at pin 29 (SDIP56)
1E
000000
00
Not to be used, except d4: Auto. SIF AGC time constant control in L/L’ standards.
1F
000000
00
VERT pulse active, standard luma delay, AVL off, AM/FM mono sound selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com