Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9950 Datasheet HTML 5Page - STMicroelectronics L9950 Datasheet HTML 6Page - STMicroelectronics L9950 Datasheet HTML 7Page - STMicroelectronics L9950 Datasheet HTML 8Page - STMicroelectronics L9950 Datasheet HTML 9Page - STMicroelectronics L9950 Datasheet HTML 10Page - STMicroelectronics L9950 Datasheet HTML 11Page - STMicroelectronics L9950 Datasheet HTML 12Page - STMicroelectronics L9950 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
L9950 - L9950XP
Electrical specifications
Doc ID 10311 Rev 10
9/39
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the “Absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality document.
2.2
ESD protection
2.3
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
-0.3 to 28
V
Single pulse tmax < 400 ms
40
V
VCC
Stabilized supply voltage, logic supply
-0.3 to 5.5
V
VDI, VDO, VCLK,
VCSN, Vpwm1
Digital input/output voltage
-0.3 to VCC + 0.3
V
VCM
Current monitor output
-0.3 to VCC + 0.3
V
VCP
Charge pump output
-25 to VS + 11
V
IOUT1,2,3,6,7,8,9,10
Output current
±5
A
IOUT4,5,11
Output current
±10
A
Table 4.
ESD protection
Parameter
Value
Unit
All pins
±4 (1)
1.
HBM according to CDF-AEC-Q100-002.
kV
Output pins: OUT1 - OUT11
±8 (2)
2.
HBM with all unzapped pins grounded.
kV
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
Tj
Operating junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com