Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK2308 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK2308
Description  Dual, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2308 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK2308_09 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2308_09 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Assignments
Pin No.
Pin Name
Description
1, 18, 23
DVDD
Digital and I/O-ring pre driver supply voltage, 1.8V
2
CM_EXT
Common Mode voltage output
3, 9, 12
AVDD
Analog supply voltage, 1.8V
4, 5, 8
AVSS
Analog ground
6, 7
IP0, IN0
Analog input Channel 0 (non-inverting, inverting)
10, 11
IP1, IN1
Analog input Channel 1 (non-inverting, inverting)
13
DVSSCLK
Clock circuitry ground
14
DVDDCLK
Clock circuitry supply voltage, 1.8V
15
CLKP
Clock input, non-inverting (Format: LVDS, PECL, CMOS/TTL, Sine Wave)
16
CLKN
Clock input, inverting. For CMOS input on CLKP, connect CLKN to ground
17, 64
DVSS
Digital circuitry ground
19
CLK_EXT_EN
CLK_EXT signal enabled when low (zero). Tristate when high.
20
DFRMT
Data format selection. 0: Offset Binary, 1: Two's Complement
21
PD_N
Full chip Power Down mode when Low. All digital outputs reset to zero. After chip power up,
always apply Power Down mode before using Active mode to reset chip.
24, 41, 58
OVDD
I/O ring post-driver supply voltage. Voltage range 1.7V to 3.6V.
25, 40, 57
OVSS
Ground for I/O ring
Pin Configuration
CDK2308
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
N/C
N/C
N/C
42
41
40
39
38
37
36
35
34
33
DVDDCLK
CLKN
CLKP
DVSSCLK
CLK_EXT
QFN-64, TQFP-64
QFN-64,TQFP-64
22
OE_N_1
Output Enable Channel 1. Tristate when high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com