Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000ISO8X Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CLC2000ISO8X
Description  High Output Current Dual Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2000ISO8X Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CLC2000ISO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC2000ISO8X Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
13
Application Information
Basic Operation
Figures 1 and 2 illustrate typical circuit configurations for
non-inverting, inverting, and unity gain topologies for dual
supply applications. They show the recommended bypass
capacitor values and overall closed loop gain equations.
+
-
Rf
0.1μF
6.8μF
Output
G = 1 + (Rf/Rg)
Input
+Vs
-Vs
Rg
0.1μF
6.8μF
RL
Figure 1. Typical Non-Inverting Gain Circuit
Figure 2. Typical Inverting Gain Circuit
Power Supply and Decoupling
The CLC2000 can be powered with a low noise supply
anywhere in the range from +5V to +13V. Ensure ad-
equate metal connections to power pins in the PC board
layout with careful attention paid to decoupling the power
supply.
High quality capacitors with low equivalent series resis-
tance (ESR) such as multilayer ceramic capacitors (MLCC)
should be used to minimize supply voltage ripple and
power dissipation.
Two decoupling capacitors should be placed on each pow-
er pin with connection to a local PC board ground plane.
A large, usually tantalum, 10μF to 47μF capacitor is re-
quired to provide good decoupling for lower frequency
signals and to provide current for fast, large signal chang-
es at the CLC2000 outputs. It should be within 0.25” of
the pin. A secondary smaller 0.1μF MLCC capacitor should
located within 0.125” to reject higher frequency noise on
the power line.
Power Dissipation
Power dissipation is an important consideration in applica-
tions with low impedance DC, coupled loads. Guidelines
listed below can be used to verify that the particular ap-
plication will not cause the device to operate beyond its
intended operating range. Calculations below relate to a
single amplifier. For the CLC2000, both amplifiers power
contribution needs to be added for the total power dis-
sipation.
Maximum power levels are set by the absolute maximum
junction rating of 150°C. To calculate the junction tem-
perature, the package thermal resistance value ThetaJA
JA) is used along with the total die power dissipation.
TJunction = TAmbient + (ӨJA × PD)
Where TAmbient is the temperature of the working environ-
ment.
In order to determine PD, the power dissipated in the load
needs to be subtracted from the total power delivered by
the supplies.
PD = Psupply - Pload
Supply power is calculated by the standard power equa-
tion.
Psupply = Vsupply × I(RMS supply)
Vsupply = V(S+) - V(S-)
Power delivered to a purely resistive load is:
Pload = ((VLOAD)RMS2) / Rloadeff
The effective load resistor will need to include the effect
of the feedback network. For instance,
Rloadeff in figure 1 would be calculated as:
RL || (Rf + Rg)
+
-
Rf
0.1μF
6.8μF
Output
G = - (Rf/Rg)
For optimum input offset
voltage set R1 = Rf || Rg
Input
+Vs
-Vs
0.1μF
6.8μF
RL
Rg
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com