Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2000ISO8 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CLC2000ISO8
Description  High Output Current Dual Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2000ISO8 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CLC2000ISO8 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC2000ISO8 Datasheet HTML 14Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
10
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 12V, Rf = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
Differential Gain & Phase AC Coupled (VS=5V)
Differential Gain & Phase DC Coupled (VS=5V)
2nd Harmonic Distortion vs. VOUT (VS=5V)
3rd Harmonic Distortion vs. VOUT (VS=5V)
2nd Harmonic Distortion vs. RL (VS=5V)
3rd Harmonic Distortion vs. RL (VS=5V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
RL = 25Ω
VOUT = 2Vpp
RL = 1kΩ
RL = 100Ω
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
5
10
15
20
Frequency (MHz)
RL = 25Ω
VOUT = 2Vpp
RL = 1kΩ
RL = 100Ω
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
-0.01
-0.0075
-0.005
-0.0025
0
0.0025
0.005
0.0075
0.01
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
Input Voltage (V)
DG
RL = 150Ω
AC coupled into 220µF
DP
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-0.4
-0.2
0
0.2
0.4
Input Voltage (V)
DG
RL = 150Ω
DC coupled
DP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com