Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307CILP64 Datasheet(PDF) 13 Page - Cadeka Microcircuits LLC.

Part # CDK8307CILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307CILP64 Datasheet(HTML) 13 Page - Cadeka Microcircuits LLC.

Back Button CDK8307CILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 16Page - Cadeka Microcircuits LLC. CDK8307CILP64 Datasheet HTML 17Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
13
Data Sheet
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Sleep Channel Mode Savings
Power dissipation savings per channel off
38
mW
Clock Inputs
Maximum Conversion Rate
65
MSPS
Minimum Conversion Rate
20
MSPS
Electrical Characteristics - CDK8307E
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, 80MSPS clock, 50% clock duty cycle, -1dBFS 8MHz input signal, 12-bit output, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Performance
SNR
Signal to Noise Ratio
FIN = 8MHz
68.5
70.1
dBFS
FIN = 30MHz
70
dBFS
SINAD
Signal to Noise and Distortion Ratio
FIN = 8MHz
68
69.6
dBFS
FIN = 30MHz
69.5
dBFS
SFDR
Spurious Free Dynamic Range
FIN = 8MHz
74
77
dBc
FIN = 30MHz
76
dBc
HD2
Second order Harmonic Distortion
FIN = 8MHz
85
90
dBc
FIN = 30MHz
90
dBc
HD3
Third order Harmonic Distortion
FIN = 8MHz
75
77
dBc
FIN = 30MHz
76
dBc
ENOB
Effective number of Bits
FIN = 8MHz
11.3
bits
FIN = 30MHz
11.3
bits
Crosstalk
See note (1) on page 13
95
dBc
Power Supply
Analog supply current
173
mA
Digital supply current
Digital and output driver supply
88
mA
Analog power Dissipation
312
mW
Digital power Dissipation
158
mW
Total power Dissipation
470
mW
Power Down Dissipation
Power down mode
10
µW
Sleep Mode Dissipation
Deep sleep mode
56
mW
Sleep Channel Mode Dissipation
All channels. in sleep ch. mode (light sleep)
116
mW
Sleep Channel Mode Savings
Power dissipation savings per channel off
44
mW
Clock Inputs
Maximum Conversion Rate
80
MSPS
Minimum Conversion Rate
40
MSPS
Digital and Timing Electrical Characteristics
(AVDD = 1.8V, DVDD = 1.8V, OVDD = 1.8V, unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Clock Inputs
Duty Cycle
20
80
%high
Compliance
CMOS, LVDS, LVPECL
Input range, differential
Differential input swing
±200
mVpp
Input range, sine
Differential input swing, sine wave clock input
±800
mVpp
Input range, CMOS
CLKN connected to ground
VOVDD
mVpp
Input common mode voltage
Keep voltages within gnd and voltage of OVDD
0.3
VOVDD -0.3
V
Input capacitance
Differential
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com