Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2500ILP16X Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CLC2500ILP16X
Description  Dual, Ultra-fast Voltage Comparator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2500ILP16X Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CLC2500ILP16X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2500ILP16X Datasheet HTML 2Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For additional information regarding our products, please visit the CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, and Comlinear and the Comlinear logo design, are trademarks or registered trademarks of CADEKA
Microcircuit LLC. All other brand and product names may be trademarks of their respective companies.
Copyright ©2007 by CADEKA Microcircuit LLC. All rights reserved. 0707
cADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5415 (toll free)
Amplify the Human Experience
PRELIMINARY Product Brief
Available Package
Electrical Characteristics
TA = 25°C, VCC = 5V, VEE = -5.2V, RL =50Ω to -2V; unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
AC Performance
Propogation Delay
20mV overdrive
650
ps
Latch Set-up Time
20mV overdrive
150
ps
Latch to Output Delay
20mV overdrive
500
ps
Latch Pulse Width
20mV overdrive
500
ps
Latch Hold Time
20mV overdrive
0
ps
Rise Time
20% to 80%
180
ps
Fall Time
20% to 80%
80
ps
Slew Rate
10
V/ns
-3dB Bandwidth
900
MHz
DC Performance
Input Offset Voltage (1)
-10
3
10
mV
Average Drift
10
µV/°C
Input Offset Current (1)
-3
1
3
µA
Input Bias Current (1)
-25
8
25
µA
Positive Supply Current
18
30
mA
Negative Supply Current
40
55
mA
Positive Supply Voltage
4.75
5.0
5.25
V
Negative Supply Voltage
-4.95
-5.2
-5.45
V
Input Common Mode Range
-2.5
4.0
V
Latch Enable
Common Mode Range
-2.0
0
V
Open Loop Gain
66
dB
Differential Input Resistance
500
kΩ
Input Capacitance
0.6
pF
Power Supply Rejection Ratio
70
dB
Common Mode Rejection Ratio
V
CM = -2.5V to 4V
70
dB
Power Dissipation
Both Channels, No Load
350
425
mW
Both Channels, with Load
400
550
mW
Output High Level
ECL 50Ω to -2V
-1.00
-0.81
V
Output Low Level
ECL 50Ω to -2V
-1.95
-1.54
V
Notes:
1. 100% tested at 25°C.
Refer to the data sheet for complete product specifications.
CLC2500 QFN-16
(not actual size)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com