Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK8307DILP64 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK8307DILP64
Description  12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK8307DILP64 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK8307DILP64 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK8307DILP64 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
©2009 CADEKA Microcircuits LLC
www.cadeka.com
Amplify the Human Experience
CDK8307
12/13-bit, 20/40/50/65/80MSPS, Eight Channel,
Ultra Low Power ADC with LVDS
F E A T U R E S
n
20/40/50/65/80MSPS max sampling rate
n
Low Power Dissipation
– 23mW/channel at 20MSPS
– 35mW/channel at 40MSPS
– 41mW/channel at 50MSPS
– 51mW/channel at 65MSPS
– 59mW/channel at 80MSPS
n
72.2dB SNR at 8MHz FIN
n
0.5μs startup time from Sleep
n
15μs startup time from Power Down
n
Internal reference circuitry requires no
external components
n
Internal offset correction
n
Reduced power dissipation modes available
– 34mW/channel at 50MSPS
– 71.5dB SNR at 8MHz FIN
n
Coarse and fine gain control
n
1.8V supply voltage
n
Serial LVDS output
– 12- and 14-bit output available
n
Package alternatives
– TQFP-80
– QFN-64
A P P L I C A T I O N S
n
Medical Imaging
n
Wireless Infrastructure
n
Test and Measurement
n
Instrumentation
General Description
The CDK8307 is a high performance low power octal analog-to-digital
converter (ADC). The ADC employs internal reference circuitry, a serial control
interface and serial LVDS output data, and is based on a proprietary structure.
An integrated PLL multiplies the input sampling clock by a factor of 12 or 14,
according to the LVDS output setting. The multiplied clock is used for data
serialization and data output. Data and frame synchronization output clocks are
supplied for data capture at the receiver.
Various modes and configuration settings can be applied to the ADC through
the serial control interface (SPI). Each channel can be powered down inde-
pendently and data format can be selected through this interface. A full chip
idle mode can be set by a single external pin. Register settings determines the
exact function of this external pin.
The CDK8307 is designed to easily interface with field-programmable gate
arrays (FPGAs) from several vendors.
The very low startup times of the CDK8307 allow significant power reduction
in duty-cycled systems, by utilizing the Sleep Mode or Power Down Mode when
the receive path is idle.
Block Diagram
Serial Control
Interface
LVDS
LVDS
D1N
D1P
IP1
IN1
ADC
LVDS
D2N
D2P
IP2
IN2
ADC
LVDS
PLL
Clock
Input
Digital
Gain
Digital
Gain
Digital
Gain
D8N
D8P
IP8
IN8
ADC
FCLKP
FCLKN
LCLKP
LCLKN
•
•
•
•
•
•
•
•
•


Similar Part No. - CDK8307DILP64

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK8307DILP64 CADEKA-CDK8307DILP64 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Exar Corporation
CDK8307DILP64 EXAR-CDK8307DILP64 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Cadeka Microcircuits LL...
CDK8307DILP64B2 CADEKA-CDK8307DILP64B2 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results

Similar Description - CDK8307DILP64

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK1307 CADEKA-CDK1307 Datasheet
1Mb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK1308 CADEKA-CDK1308 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307 CADEKA-CDK2307 Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK8307 CADEKA-CDK8307 Datasheet
1Mb / 29P
12/13-bit, 20/40/50/65MSPS, Eight Channel, Ultra Low Power ADC with LVDS
logo
Linear Technology
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
logo
Cadeka Microcircuits LL...
CDK1308 CADEKA-CDK1308_09 Datasheet
1Mb / 14P
Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
CDK2307_2B CADEKA-CDK2307_2B Datasheet
1Mb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
logo
Exar Corporation
CDK1307 EXAR-CDK1307 Datasheet
957Kb / 15P
Ultra Low Power, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters (ADCs)
CDK2307 EXAR-CDK2307 Datasheet
908Kb / 16P
Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
CDK8307 EXAR-CDK8307 Datasheet
1Mb / 31P
12/13-bit, 20/40/50/65/80MSPS, Eight Channel, Ultra Low Power ADC with LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com