Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM690A Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM690A
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM690A Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM690A Datasheet HTML 35Page - STMicroelectronics STM690A Datasheet HTML 36Page - STMicroelectronics STM690A Datasheet HTML 37Page - STMicroelectronics STM690A Datasheet HTML 38Page - STMicroelectronics STM690A Datasheet HTML 39Page - STMicroelectronics STM690A Datasheet HTML 40Page - STMicroelectronics STM690A Datasheet HTML 41Page - STMicroelectronics STM690A Datasheet HTML 42Page - STMicroelectronics STM690A Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Part numbering
Doc ID 10522 Rev 10
41/43
Table 11.
Marking description
Part number
Reset threshold
Package
Topside marking
STM690A
4.65 V
SO8
690A
STM692A
4.40 V
SO8
692A
STM703
4.65 V
SO8
703
STM704
4.40 V
SO8
704
STM802L
4.65 V
SO8
802L
STM802M
4.40 V
SO8
802M
STM805L
4.65 V
SO8
805L
STM817L
4.65 V
SO8
817L
TSSOP8
STM817M
4.40 V
SO8
817M
TSSOP8
STM818L
4.65 V
SO8
818L
TSSOP8
STM818M
4.40 V
SO8
818M
TSSOP8
STM819L
4.65 V
SO8
819L
TSSOP8
STM819M
4.40 V
SO8
819M
TSSOP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com