Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW6NK70Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW6NK70Z
Description  N-channel 700V - 1.5Ω - 5A - TO-220/TO-220FP Zener-protected SuperMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW6NK70Z Datasheet(HTML) 1 Page - STMicroelectronics

  STW6NK70Z Datasheet HTML 1Page - STMicroelectronics STW6NK70Z Datasheet HTML 2Page - STMicroelectronics STW6NK70Z Datasheet HTML 3Page - STMicroelectronics STW6NK70Z Datasheet HTML 4Page - STMicroelectronics STW6NK70Z Datasheet HTML 5Page - STMicroelectronics STW6NK70Z Datasheet HTML 6Page - STMicroelectronics STW6NK70Z Datasheet HTML 7Page - STMicroelectronics STW6NK70Z Datasheet HTML 8Page - STMicroelectronics STW6NK70Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2006
Rev 4
1/16
16
STP6NK70Z
STF6NK70Z - STW6NK70Z
N-channel 700V - 1.5
Ω - 5A - TO-220/TO-220FP
Zener-protected SuperMESH™ Power MOSFET
General features
■ Extremely high dv/dt capability
■ Improved esd capability
■ 100% avalanche rated
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
stripbased PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage MOSFETs including revolutionary
MDmesh™ products.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
STP6NK70Z
700 V
< 1.8
Ω
5 A
STF6NK70Z
700 V
<1.8
Ω
5 A(1)
1.
Limited only by maximum temperature allowed
STW6NK70Z
700 V
< 1.8
Ω
5 A
TO-220FP
TO-220
1
2
3
TO-247
www.st.com
Order codes
Part number
Marking
Package
Packaging
STP6NK70Z
P6NK70Z
TO-220
Tube
STF6NK70Z
F6NK70Z
TO-220FP
Tube
STW6NK70Z
W5NK90Z
TO-247
Tube


Similar Part No. - STW6NK70Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW6NK70Z ISC-STW6NK70Z Datasheet
352Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW6NK70Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10NK70Z STMICROELECTRONICS-STP10NK70Z Datasheet
384Kb / 10P
N-CHANNEL 700V - 0.75ohm - 8.6A TO-220/TO-220FP Zener-Protected SuperMESH™ Power MOSFET
Oct-2002
STP5NK60Z STMICROELECTRONICS-STP5NK60Z Datasheet
477Kb / 14P
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
15-Dec-2005
STP9NK50Z STMICROELECTRONICS-STP9NK50Z Datasheet
572Kb / 12P
N-CHANNEL 500V - 0.72ohm - 7.2A TO-220/TO-220FP/D2PAK Zener-Protected SuperMESH™ Power MOSFET
June 2002
STP7NK30Z STMICROELECTRONICS-STP7NK30Z Datasheet
266Kb / 10P
N-CHANNEL 300V-0.80ohm-5A TO-220/TO-220FP Zener-Protected SuperMESH Power MOSFET
Mar-2004
STP6NK70Z STMICROELECTRONICS-STP6NK70Z Datasheet
337Kb / 12P
N-CHANNEL 700V - 1.5ohm - 5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
06-Sep-2005
STP9NK80Z STMICROELECTRONICS-STP9NK80Z Datasheet
336Kb / 11P
N-CHANNEL 800V -0.9ohm - 7.5A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
18-May-2005
STP8NK85Z STMICROELECTRONICS-STP8NK85Z Datasheet
346Kb / 15P
N-CHANNEL 850V -1.1ohm - 6.7A TO-220/TO-220FP Zener-Protected SuperMESH MOSFET
20-Sep-2006
STP10NK50Z STMICROELECTRONICS-STP10NK50Z Datasheet
505Kb / 12P
N-CHANNEL 500V - 0.55??- 9A TO-220 / TO-220FP Zener-Protected SuperMESH MOSFET
08-Sep-2005
STP5NK60Z STMICROELECTRONICS-STP5NK60Z_02 Datasheet
585Kb / 12P
N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH™줡ower MOSFET
Sep-2002
STP7NK30Z STMICROELECTRONICS-STP7NK30Z_05 Datasheet
344Kb / 12P
N-CHANNEL 300V - 0.80Ω - 5A TO-220/TO-220FP Zener-Protected SuperMESH?줞OSFET
05-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com