Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF5NK100Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF5NK100Z
Description  N-channel 1000 V, 2.7 Ω, 3.5 A, TO-220, TO-220FP, TO-247 SuperMESH3??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5NK100Z Datasheet(HTML) 1 Page - STMicroelectronics

  STF5NK100Z Datasheet HTML 1Page - STMicroelectronics STF5NK100Z Datasheet HTML 2Page - STMicroelectronics STF5NK100Z Datasheet HTML 3Page - STMicroelectronics STF5NK100Z Datasheet HTML 4Page - STMicroelectronics STF5NK100Z Datasheet HTML 5Page - STMicroelectronics STF5NK100Z Datasheet HTML 6Page - STMicroelectronics STF5NK100Z Datasheet HTML 7Page - STMicroelectronics STF5NK100Z Datasheet HTML 8Page - STMicroelectronics STF5NK100Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2009
Doc ID 10850 Rev 5
1/15
15
STP5NK100Z, STF5NK100Z
STW5NK100Z
N-channel 1000 V, 2.7
Ω, 3.5 A, TO-220, TO-220FP, TO-247
SuperMESH3™ Power MOSFET
Features
■ Extremely high dv/dt capability
■ 100% avalanche tested
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
Applications
■ Switching application
Description
The new SuperMESH™ series of Power
MOSFETS is the result of further design
improvements on ST's well-established strip-
based PowerMESH™ layout. In addition to
significantly lower on-resistance, the device offers
superior dv/dt capability to ensure optimal
performance even in the most demanding
applications. The SuperMESH™ devices further
complement an already broad range of innovative
high voltage MOSFETs, which includes the
revolutionary MDmesh™ products.
Figure 1.
Internal schematic diagram
Type
VDSS
(@TJMAX)
RDS(on)max
ID
STF5NK100Z
1000 V
< 3.7
Ω
3.5 A
STP5NK100Z
1000 V
< 3.7
Ω
3.5 A
STW5NK100Z
1000 V
< 3.7
Ω
3.5 A
1
2
3
TO-220FP
TO-220
TO-247
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STF5NK100Z
F5NK100Z
TO-220FP
Tube
STP5NK100Z
P5NK100Z
TO-220
Tube
STW5NK100Z
W5NK100Z
TO-247
Tube
www.st.com


Similar Part No. - STF5NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF5NK100Z STMICROELECTRONICS-STF5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
logo
Inchange Semiconductor ...
STF5NK100Z ISC-STF5NK100Z Datasheet
285Kb / 2P
isc N-Channel MOSFET Transistor
2023-9-11
More results

Similar Description - STF5NK100Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NK100Z STMICROELECTRONICS-STP5NK100Z Datasheet
435Kb / 16P
N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
16-Aug-2006
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
10-Jul-2008
STB7N52K3 STMICROELECTRONICS-STB7N52K3 Datasheet
380Kb / 15P
N-channel 525 V, 0.84 Ω, 6.3 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3??Power MOSFET
07-Jul-2008
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STB7N52K3 STMICROELECTRONICS-STB7N52K3_09 Datasheet
1Mb / 18P
N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
10-Sep-2009
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
19-May-2006
STF7N95K3 STMICROELECTRONICS-STF7N95K3 Datasheet
943Kb / 15P
N-channel 950 V, 1.1 Ohm, 7.2 A, TO-220, TO-220FP, TO-247 Zener-protected SuperMESH3 Power MOSFET
27-Jan-2009
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
logo
STMicroelectronics
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
N-channel 620 V, 2.5 Ω , 2.5 A SuperMESH3™ Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com