Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1129 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISCXI-1129
Description  High-Density Multiconfiguration Matrix Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1129 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISCXI-1129 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 4Page - National Instruments Corporation NISCXI-1129 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
3
Specifications
Specifications subject to change without notice. Visit ni.com/manuals for
the latest full specifications.
Input Characteristics
Maximum switching voltage................. 150 V
rms or 150 VDC
(channel-to-channel and
channel-to-ground)
Maximum switching current................. 1 A (per channel)
Maximum carry current......................... 2 A (per channel)
Maximum module current
NI 2529 ............................................. 8 A
NI SCXI-1129 .................................... 5 A
Maximum switching power .................. 37.5 VA, 30 W (per channel)
Path resistance...................................... <1
Transfer Characteristics
Thermal EMF......................................... <9 V
Typical single crosspoint bandwidth
1 row – 1 column.............................. >10 MHz
Typical crosstalk
50 system
10 kHz........................................... ≤80 dB
100 kHz......................................... ≤65 dB
1 MHz........................................... ≤50 dB
Dynamic Characteristics
Maximum operating speed
110 crosspoints/s ............................. NI 2529
125 crosspoints/s ............................. NI SCXI-1129
Relay operate time (at 20 °C) ............... 4 ms max
Expected relay life
Mechanical....................................... 5x107 operations
Electrical
30 VDC, 1 A....................................... 105 operations
30 VDC, 100 mA................................ 5x105 operations
150 V
rms, 0.25 A.................................
105 operations
Physical
NI 2529
Dimensions....................................... 2 by 10 by 16 cm
(0.8 by 3.9 by 6.4 in.)
I/O connector.................................... 100-pin HDI
NI SCXI-1129
Dimensions....................................... 3.0 by 17.2 by 20.3 cm
(1.18 by 6.9 by 8.0 in.)
I/O connector.................................... 180-pin HDI
Environment
Operating temperature
NI 2529 ............................................. 0 to 55 °C
NI SCXI-1129 .................................... 0 to 50 °C
Storage temperature............................. -20 to 70 °C
Relative humidity .................................. 5 to 85% noncondensing
Pollution degree.................................... 2
Approved at altitudes up to 2,000 m.
Ordering Information
NI PXI-2529 ....................................................................................778739-01
NI PXIe-2529 ..................................................................................780587-29
NI SCXI-1129..................................................................................776572-29
Includes NI-SWITCH driver software.
Accessories
NI TB-2634 (4x32)...........................................................................778840-01
NI TB-2635 (8x16)...........................................................................778839-01
NI SCXI-1333 (quad 4x16)..............................................................777687-33
NI SCXI-1334 (4x64).......................................................................777687-34
NI SCXI-1335 (8x32).......................................................................777687-35
NI SCXI-1336 (16x16).....................................................................777687-36
NI SCXI-1337 (dual 8x16)...............................................................777687-37
NI SCXI-1339 (dual 4x32)...............................................................777687-39
NI matrix expansion plugs .............................................................778364-01
NI matrix expansion cables
40 cm...................................................................................185440-0R4
75 cm.................................................................................185440-0R75
NI Switch Executive
Development system......................................................................778546-01
Deployment engine........................................................................778548-00
BUY NOW
For complete product specifications, pricing, and accessory information,
call 800 813 3693 (U.S.) or go to ni.com/switches.
High-Density Multiconfiguration Matrix Modules



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com