Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM705ADS6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM705ADS6F
Description  5 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM705ADS6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM705ADS6F Datasheet HTML 19Page - STMicroelectronics STM705ADS6F Datasheet HTML 20Page - STMicroelectronics STM705ADS6F Datasheet HTML 21Page - STMicroelectronics STM705ADS6F Datasheet HTML 22Page - STMicroelectronics STM705ADS6F Datasheet HTML 23Page - STMicroelectronics STM705ADS6F Datasheet HTML 24Page - STMicroelectronics STM705ADS6F Datasheet HTML 25Page - STMicroelectronics STM705ADS6F Datasheet HTML 26Page - STMicroelectronics STM705ADS6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
STM705, STM706, STM707, STM708, STM813L
DC and AC parameters
Doc ID 10520 Rev 9
23/33
6
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 5. Designers should check that the operating conditions in their circuit match the
operating conditions when relying on the quoted parameters.
Figure 27.
AC testing input/output waveforms
Figure 28.
Power-fail comparator waveform
Table 5.
Operating and AC measurement conditions
Parameter
STM705/706/707/708; STM813L
Unit
VCC supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤ 5
ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing ref. voltages
0.3 to 0.7 VCC
V
AI02568
0.8 V CC
0.2 V CC
0.7 V CC
0.3 V CC
AI08834b
VCC
VRST
trec
RST
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com